Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 46 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 46 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 42Page - Analog Devices LTM4677 Datasheet HTML 43Page - Analog Devices LTM4677 Datasheet HTML 44Page - Analog Devices LTM4677 Datasheet HTML 45Page - Analog Devices LTM4677 Datasheet HTML 46Page - Analog Devices LTM4677 Datasheet HTML 47Page - Analog Devices LTM4677 Datasheet HTML 48Page - Analog Devices LTM4677 Datasheet HTML 49Page - Analog Devices LTM4677 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
LTC3888-1
46
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The LTC3888-1 TSNS pins interface directly to the wire-
OR shared TEMP/FAULT bus found on most power stages
offering output current monitor. When all phases are fault-
free, the voltage on this bus indicates the highest power
stage temperature on the rail. The internal monitor ADC
converts this voltage, and the computed temperature
value is returned by the paged READ_TEMPERATURE_1
telemetry command. The slope of the external tempera-
ture sensor can be modified to fit the selected power stage
using the coefficient stored in MFR_TEMP_1_GAIN. The
offset of the external temperature sense can be adjusted
by MFR_TEMP_1_OFFSET, which designates the bus volt-
age indicating 0°C.
The LTC3888-1 also recognizes indicated power stage
fault conditions on the shared TEMP/FAULT bus. This
includes support for optional power stage UV indication
when enabled with bit 0 of MFR_PWM_MODE_LTC3888-
1. These events are reported through standard PMBus
status registers for improved system state observation
by the bus host as shown in Table 8. Refer to previ-
ous Operation section discussions on Hardwired PWM
Response to Power Stage Faults and Status Registers
and ALERT Masking for additional details.
Figure 22. Interface to Current-Mode Output Current Sense
Figure 23. Interface to Voltage-Mode Output Current Sense
SCALE TO
ACHIEVE
~5mV/A
TO OTHER
POWER
STAGES
IMON
REFIN
EXTERNAL POWER
STAGE
388812 F22
ISENSE
IREF
GND
LTC3888-1
0.47µF
TO OTHER
POWER
STAGES
IOUT
REFIN
EXTERNAL POWER
STAGE
388812 F23
ISENSE
IREF
GND
LTC3888-1
0.47µF
Table 8. Special LTC3888-1 Status Indications1
CONDITION
INDICATED
PAGED
MFR_PADS_LTC3888-15
STATUS_VOUT
BIT 7
(VOUT_OV FAULT)
STATUS_VOUT
BIT 4
(VOUT_UV FAULT)
STATUS_IOUT
BIT 3
CH0/1 DrMOS
READY
BIT 14/15
VOUT OV
•
•
VOUT UV
•
•
VSENSE+ OPEN2,3
•
•
•
Power Stage UV
(TSNS)4 or VDR
Monitor UV
•
(IFF CH Set to Run)
Power Stage Fault6
•
•
•
1With the exception of VSENSE+ Open, all VOUT_OV Fault conditions are handled by VOUT_OV_FAULT_RESPONSE, which is immediate off with no retry,
and a VOUT_UV fault condition is handled by VOUT_UV_FAULT_RESPONSE.
2Both VSENSE+ lines are tested each time the LTC3888-1 powers up or resets. The response of the LTC3888-1 for any open VSENSE+ line is to disable all
outputs. A detected open line condition can only be cleared with successful retesting by power cycle or MFR_RESET.
3Both bit 7 and bit 4 of STATUS_VOUT may also be set if a power stage UV or fault occurs during a true VOUT UV with the PWM still running. In this case
STATUS_IOUT and MFR_PADS will continue to accurately indicate power stage state, which does not require a full reset to clear.
4Detection of this condition must be enabled by setting bit 0 of MFR_PWM_MODE_LTC3888-1 (paged). No UV indication is given or response taken if bit
0 of MFR_PWM_MODE_LTC3888-1 is clear.
5MFR_PADS_LTC3888-1[15:14] respond to enabled power stage UV detection by indicating NOT READY (1’b0) for their respective channels, regardless
of PWM run state. Otherwise these bits indicate READY (1’b1).
6The exact nature of fault indicated in this case varies by manufacturer and can include such issues as gross output overcurrent or power stage
overtemperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com