Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 82 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 82 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 78Page - Analog Devices LTM4677 Datasheet HTML 79Page - Analog Devices LTM4677 Datasheet HTML 80Page - Analog Devices LTM4677 Datasheet HTML 81Page - Analog Devices LTM4677 Datasheet HTML 82Page - Analog Devices LTM4677 Datasheet HTML 83Page - Analog Devices LTM4677 Datasheet HTML 84Page - Analog Devices LTM4677 Datasheet HTML 85Page - Analog Devices LTM4677 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 110 page
background image
LTC3888-1
82
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS (Output Voltage and Limits)
VOUT_MODE
The VOUT_MODE command gives the format used by the device for output voltage related commands. Only Linear
Mode is supported, with a resolution of 244µV. Sending the VOUT_MODE command to the LTC3888-1 using a write
protocol will result in a CML fault.
This read-only command has one data byte.
VOUT_COMMAND
VOUT_COMMAND is used to set the output voltage in volts if VOUT_SCALE_LOOP has been defined. Execution of this
command is delayed if VOUT_SCALE_LOOP is being processed or until any ongoing soft-on/off output sequence is
ccomplete. Otherwise, the output voltage moves to a new value at VOUT_TRANSITION_RATE.
This command has two data bytes in Linear_16u format.
VOUT_MAX
The VOUT_MAX command returns the maximum value, in volts, allowed for any VOUT-related command, including
VOUT_OV_FAULT_LIMIT. This value represents the maximum regulated voltage the selected rail is capable of produc-
ing based on internal design and the value of VOUT_SCALE_LOOP.
This read-only command has two data bytes in Linear_16u format.
OUTPUT VOLTAGE AND LIMITS
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
VOUT_COMMAND
0x21 Default VFB regulation. Nominal VOUT value
when VOUT_SCALE_LOOP is defined.
R/W Word
Y
L16
V
l
400mV
0x0666
VOUT_MAX
0x24 Maximum VOUT capability.
R Word
Y
L16
V
1.1V
0x119A
MFR_VOUT_MAX
0xA5 Maximum value allowed for VOUT_MAX.
R Word
Y
L16
V
3.75V
0x3C00
VOUT_MARGIN_HIGH
0x25 VFB (default) or VOUT at high margin, must be
greater than VOUT_COMMAND.
R/W Word
Y
L16
V
l
420mV
0x06B8
VOUT_MARGIN_LOW
0x26 VFB (default) or VOUT at low margin, must be
greater than VOUT_COMMAND.
R/W Word
Y
L16
V
l
380mV
0x0614
VOUT_SCALE_LOOP
0x29 Nominal VOUT/VFB gain provided by external
feedback network.
R/W Word
Y
L11
V
l
N/A
VOUT_OV_FAULT_LIMIT
0x40 Default VFB overvoltage fault limit. VOUT OV
limit if VOUT_SCALE_LOOP is defined.
R/W Word
Y
L16
V
l
440mV
0x070A
VOUT_OV_WARN_LIMIT
0x42 VOUT overvoltage warning limit sensed at
VSENSE±.
R/W Word
Y
L16
V
l
3.6V
0x3981
VOUT_UV_WARN_LIMIT
0x43 VOUT undervoltage warning limit sensed at
VSENSE±.
R/W Word
Y
L16
V
l
0.0V
0x0000
VOUT_UV_FAULT_LIIMIT
0x44 Default VFB undervoltage fault limit. VOUT UV
limit if VOUT_SCALE_LOOP is defined.
R/W Word
Y
L16
V
l
360mV
0x05C3
Related commands: STATUS_VOUT, SMBALERT_MASK, READ_VOUT, MFR_VOUT_PEAK, VOUT_OV_FAULT_RESPONSE, VOUT_UV_FAULT_RESPONSE
(for PMBus Control, DEFAULT VALUE Applies to Analog Control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com