Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 43 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 43 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 39Page - Analog Devices LTM4677 Datasheet HTML 40Page - Analog Devices LTM4677 Datasheet HTML 41Page - Analog Devices LTM4677 Datasheet HTML 42Page - Analog Devices LTM4677 Datasheet HTML 43Page - Analog Devices LTM4677 Datasheet HTML 44Page - Analog Devices LTM4677 Datasheet HTML 45Page - Analog Devices LTM4677 Datasheet HTML 46Page - Analog Devices LTM4677 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
LTC3888-1
43
Rev. 0
For more information www.analog.com
PMBUS COMMAND SUMMARY
Table 7. PMBus Command Summary
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
SEE
PAGE
Commands for Digital Output Voltage Control (Continued)
VOUT_MARGIN_HIGH
0x25 VFB (default) or VOUT at high margin,
must be greater than VOUT_COMMAND.
R/W Word
Y
L16
V
l
420mV
0x06B8
83
VOUT_MARGIN_LOW
0x26 VFB (default) or VOUT at low margin,
must be less than VOUT_COMMAND.
R/W Word
Y
L16
V
l
380mV
0x0614
83
VOUT_SCALE_LOOP
0x29 Nominal VOUT/ VFB gain provided by
external feedback network.
R/W Word
Y
L11
V/V
l
N/A
83
VOUT_OV_FAULT_LIMIT
0x40 Default VFB overvoltage fault limit. VOUT
OV limit if VOUT_SCALE_LOOP is defined.
R/W Word
Y
L16
V
l
440mV
0x070A
83
VOUT_OV_WARN_LIMIT
0x42 VOUT overvoltage warning limit, sensed
at VSENSE±.
R/W Word
Y
L16
V
l
3.6V
0x3981
83
VOUT_UV_WARN_LIMIT
0x43 VOUT undervoltage warning limit, sensed
at VSENSE±.
R/W Word
Y
L16
V
l
0.0V
0x0000
84
VOUT_UV_FAULT_LIMIT
0x44 Default VFB undervoltage fault limit. VOUT
UV limit if VOUT_SCALE_LOOP is defined.
R/W Word
Y
L16
V
l
360mV
0x05C3
84
TOFF_MAX_WARN_LIMIT
0x66 Maximum time for VOUT to reach
0.125xVOUT_COMMAND after being
commanded to 0.0V.
R/W Word
Y
L11
ms
l
0ms
0x8000
88
LTC3888-1 Custom Commands
MFR_VOUT_MAX
0xA5 Maximum VOUT_MAX.
R Word
Y
L16
V
3.75V
0x3C00
79
USER_DATA_00
0xB0 EEPROM word reserved for LTpowerPlay. R/W Word
N
Reg
l
103
USER_DATA_01
0xB1 EEPROM word reserved for LTpowerPlay. R/W Word
Y
Reg
l
103
USER_DATA_02
0xB2 EEPROM word reserved for OEM use.
R/W Word
N
Reg
l
103
USER_DATA_03
0xB3 EEPROM word available for general data
storage.
R/W Word
Y
Reg
l
0x0000
103
USER_DATA_04
0xB4 EEPROM word available for general data
storage.
R/W Word
N
Reg
l
0x0000
103
MFR_INFO
0xB6 Manufacturer-specific information
R Word
N
Reg
91
MFR_EE_UNLOCK
0xBD (contact the factory)
103
MFR_EE_ERASE
0xBE (contact the factory)
103
MFR_EE_DATA
0xBF (contact the factory)
103
MFR_CHAN_CONFIG
0xD0 General channel-specific configuration.
R/W Byte
Y
Reg
l
0x1D
73
MFR_CONFIG_ALL
0xD1 General device-level configuration.
R/W Byte
N
Reg
l
0x21
70
MFR_FAULT_PROPAGATE
0xD2 Configure fault propagation via FAULT
pins.
R/W Word
Y
Reg
l
0x6993
100
MFR_PWM_COMP
0xD3 Channel-specific PWM loop
compensation.
R/W Byte
Y
Reg
l
0xAE
77
MFR_PWM_MODE_LTC3888-1 0xD4 LTC3888-1 channel-specific PWM mode
control.
R/W Byte
Y
Reg
l
0x02
76
MFR_FAULT_RESPONSE
0xD5 PWM response when FAULT pin is low
due to external fault.
R/W Byte
Y
Reg
l
0xC0
101
MFR_OT_FAULT_RESPONSE
0xD6 Internal overtemperature fault response.
R Byte
N
Reg
0xC0
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com