Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 51 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 51 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 47Page - Analog Devices LTM4677 Datasheet HTML 48Page - Analog Devices LTM4677 Datasheet HTML 49Page - Analog Devices LTM4677 Datasheet HTML 50Page - Analog Devices LTM4677 Datasheet HTML 51Page - Analog Devices LTM4677 Datasheet HTML 52Page - Analog Devices LTM4677 Datasheet HTML 53Page - Analog Devices LTM4677 Datasheet HTML 54Page - Analog Devices LTM4677 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
LTC3888-1
51
Rev. 0
For more information www.analog.com
driven on quickly. If the ratio of such a switched CLOAD
to COUT is greater than 1:50, the switch rise time should
be limited to approximately 25 • CLOAD. As an example, a
10μF switched load would require a 250μs rise time with
charging current limited to about 200mA.
PCB LAYOUT CONSIDERATIONS
To prevent magnetic and electrical field radiation, or high
frequency resonant problems, and to ensure correct IC
operation, proper layout of the components connected to
the LTC3888-1 is essential. Refer to Figure 29, which also
illustrates current waveforms typically present in the cir-
cuit branches. In this drawing SW0/1 and D0/1 respresent
salient features of the selected power stage. For maximum
efficiency, the switch node (input to L0/1) rise and fall
times should be minimized. The following PCB design
priority list will help ensure proper topology.
1. Place a ground or DC voltage layer between a power
layer and a small-signal layer. Generally, power planes
should be placed on the top layer (4-layer PCB), or top
and bottom layer if more than 4 layers are used. Use
wide/short copper traces for power components and
avoid improper use of thermal relief around power
plane vias to minimize resistance and inductance.
2. Low ESR input capacitors should be placed as close
as possible to the power stage FET supply and ground
connections with the shortest copper traces possible.
The power stage must be on the same layer of cop-
per as the input capacitors with a common topside
power connection at CIN. Do not attempt to split the
input decoupling for multiple phases, as a large reso-
nant loop can result. Vias should not be used to make
these connections. Avoid blocking forced air flow to
the power stages with large size passive components.
3. Place the inductor input as close as possible to the
power stage. Minimize the surface area of the switch
node. Make the trace width the minimum needed to
support the maximum output current. Avoid copper
fills or pours. Avoid running the connection on mul-
tiple copper layers in parallel. Minimize capacitance
from the switch node to any other trace or plane.
4. PCB traces for remote voltage sense should be run
together back to the LTC3888-1 in pairs with the small-
est spacing possible on any given layer on which they
are routed. Avoid high frequency switching signals
and ideally shield with ground planes. Locate any filter
component on these traces next to the LTC3888-1,
and not at the Kelvin sense location.
5. PCB traces for output current sense (ISENSE, IREF)
should avoid high frequency switching signals and
ideally be shielded with ground planes. Filter com-
ponents on these traces should return to GND (IC
paddle) and not to a local PGND.
6. Place low ESR output capacitors adjacent to the induc-
tor output and ground. Output capacitor ground con-
nections must feed into the same copper that con-
nects to the input capacitor ground before connecting
back to system ground.
7. Connection of switching ground to system ground,
small-signal analog ground or any internal ground
plane should be single-point. If the system has an
internal system ground plane, a good way to do this
is to cluster vias into a single star point to make the
connection. This cluster should be located directly
beneath the IC GND paddle, which serves as analog
signal ground. A useful CAD technique is to make
separate ground nets and use a 0Ω resistor to con-
nect them to system ground.
8. Place all small-signal components away from high
frequency switching nodes. Place decoupling capaci-
tors for the LTC3888-1 immediately adjacent to the IC.
9. A good rule of thumb for via count in a given high cur-
rent path is to use 0.5A per via. Be consistent when
applying this rule.
10. Copper fills or pours are good for all power connec-
tions except as noted above in rule 3. Copper planes
on multiple layers can also be used in parallel. This
helps with thermal management and lowers trace
inductance, which further improves EMI performance.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com