Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 47 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 47 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 43Page - Analog Devices LTM4677 Datasheet HTML 44Page - Analog Devices LTM4677 Datasheet HTML 45Page - Analog Devices LTM4677 Datasheet HTML 46Page - Analog Devices LTM4677 Datasheet HTML 47Page - Analog Devices LTM4677 Datasheet HTML 48Page - Analog Devices LTM4677 Datasheet HTML 49Page - Analog Devices LTM4677 Datasheet HTML 50Page - Analog Devices LTM4677 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
LTC3888-1
47
Rev. 0
For more information www.analog.com
If power stage UV detection is enabled, a check of the
MFR_PADS_LTC3888-1 status bits shown in Table 8 is
strongly recommended before turning on a rail. Otherwise,
if the power stage UV is in the process of clearing during
system power-up, the resulting LTC3888-1 fault condition
cannot be distinquished from overvoltage on the output.
USING THE VDR MONITOR
When a shared TEMP/FAULT bus is not provided from the
power stages in an application, or if a necessary UV indica-
tion is not provided by the particular power stage selected,
pin 8 of the LTC3888-1 can be programmed to function
as a VDR_MON input by bit 5 of MFR_CHAN_CONFIG on
Page 0 to observe UV conditions on the power stage gate
drive supply. As shown in Figure 24 this simply requires
sensing the supply to be monitored with a resistor divider
that produces 1.22V at the desired UV threshold.
VUV = 1.22V • (R1+R2)/R2
A single VDR_MON input is provided for both master
channels. The state of bit 0 of MFR_PWM_CONFIG_
LTC3888-1 is ignored and UV detection on TSNS1 fully
disabled when VDR_MON is active.
UNUSED TSNS INPUTS
In cases where a shared TEMP/FAULT bus is not avail-
able or monitoring of external temperature is simply not
required, unused TSNS inputs may be left open or wired
to GND as long as bit 0 of MFR_PWM_MODE_LTC3888-1
(paged) is left clear. The LTC3888-1 will then continue to
respond to READ_TEMPERATURE_1 requests, but the
data returned will be meaningless.
PWM FREQUENCY AND INDUCTOR SELECTION
The selection of the PWM switching frequency is a trade-
off between efficiency, transient response and compo-
nent size. High frequency operation reduces the size of
the inductor and output capacitor as well as increasing
the maximum practical control loop bandwidth. However,
efficiency is generally lower due to increased transition
and switching losses. The inductor value is related to the
switching frequency fPWM and step-down ratio. It should
be selected to meet choke ripple current requirements.
The inductor value can be calculated using the following
equation:
L =
VOUT
f PWM • ΔIL
⎛
⎝
⎜
⎞
⎠
⎟ • 1–
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
Allowing a larger value of choke ripple current (ΔIL) leads
to smaller L, but results in greater core loss and higher
output voltage ripple for a given output capacitance and/
or ESR. A reasonable starting point for setting the ripple
current is 30% of the maximum output current.
APPLICATIONS INFORMATION
Figure 24. LTC3888-1 Power Stage VDR Monitor
388812 F24
TO FAULT
CONTROL
LOGIC
VDR UV
VDR_MON
LTC3888-1
PWM0
POWER STAGE
L1
VIN
VDRV
GATE
DRIVER
1.22V
R1
5V AUX
TO OTHER
POWER
STAGES
R2
VOUT
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com