Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 54 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 54 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 50Page - Analog Devices LTM4677 Datasheet HTML 51Page - Analog Devices LTM4677 Datasheet HTML 52Page - Analog Devices LTM4677 Datasheet HTML 53Page - Analog Devices LTM4677 Datasheet HTML 54Page - Analog Devices LTM4677 Datasheet HTML 55Page - Analog Devices LTM4677 Datasheet HTML 56Page - Analog Devices LTM4677 Datasheet HTML 57Page - Analog Devices LTM4677 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
LTC3888-1
54
Rev. 0
For more information www.analog.com
USING OUTPUT VOLTAGE SERVO
For best output voltage accuracy, enable VOUT
servo mode on the master phase by setting bit 6 of
MFR_PWM_MODE_LTC3888-1 once PMBus output
control is fully programmed. In VOUT servo mode, the
LTC3888-1 will adjust the regulated output voltage based
on its related monitor ADC reading. Every time that output
voltage ADC channel is converted, the VOUT servo will
step the internal EA reference by 297.5μV until the output
produces the correct ADC reading.
In order for the LTC3888-1 to servo VOUT, VOUT_SCALE_
LOOP must be used. This will allow the final VOUT cre-
ated by the servo at any condition to have ±0.2% typical
accuracy (±0.5% absolute maximum). The raw output
created by the application must be within ±5.5% of
VOUT_COMMAND for the VOUT servo to function to full
effectiveness, so external feedback resistors with ±0.5%
tolerance are recommended.
When the master channel is turned on, VOUT servo is
enabled after all of the following conditions are satisfied.
• Bit 6 of MFR_PWM_MODE_LTC3888-1 Is Set
• The Soft-Start Sequence Is Complete
• A VOUT_UV_FAULT Is Not Present
• An IOUT_OC_FAULT Is Not Present
VOUT servo mode then engages after TON_MAX_ FAULT_
LIMIT has expired as shown in Figure 30, unless that limit
is set to 0s (infinite). In that case, the mode is engaged as
soon as the above conditions are satisfied.
SOFT-START AND STOP
The LTC3888-1 uses digital ramp control to create both
soft-start and soft-stop.
The LTC3888-1 must enter the run state prior to soft-start.
The RUN pins are released after the part initializes and VIN
is determined to be greater than the VIN_ON threshold.
Once in the run state, soft-start is performed after any
additional prescribed delay (see next section) by actively
regulating the load voltage while digitally ramping the
target voltage from 0V to the final expected value. Rise
time of the voltage ramp can be programmed using
VOUT_TRANSITION_RATE to minimize inrush currents
associated with the start-up voltage ramp. The maximum
rate at which the LTC3888-1 can move the output in this
fashion is 100µs/step. Soft-start is disabled by setting
VOUT_TRANSITION_RATE to 4V/ms. The LTC3888-1
will internally perform the math necessary to assure the
voltage ramp is controlled to the desired slope. However,
the voltage slope cannot be any faster than fundamental
limits imposed by the power stage. The larger VOUT_
TRANSITION_RATE becomes, the more noticeable an
output voltage stair-step may become.
The LTC3888-1 also supports soft turn off in the same
manner it controls turn on. Soft-off is performed when
the RUN pin goes low or if the part is commanded off.
The LTC3888-1 can produce a controlled ramp off as long
as VOUT_TRANSITION_RATE is sufficiently slow to allow
the control loop and power stage to achieve the desired
slope. If VOUT_TRANSITION_RATE is too high to dis-
charge the load capacitance, the output will not reach 0V.
In this case, the power stage will still be commanded off
at the end of soft-off and VOUT will decay at a rate deter-
mined by the load. The larger VOUT_TRANSITION_RATE
becomes, the more noticeable an output voltage stair-step
may become. If a rail faults off for any reason, all related
PWM phases are instantly commanded off. The output
will then decay as a function of load current.
TIME-BASED OUTPUT SEQUENCING AND RAMPING
The LTC3888-1 TON_DELAY and TOFF_DELAY commands
can be used in combination with VOUT_TRANSITION_
RATE to implement a wide range of versatile sequencing
and ramping schemes. The key to time-based sequencing
and ramping is the ability of LTC3888-1 master phases
to move their outputs up and down according to PMBus
command values as shown in Figure 30 and Figure 31.
There is a fixed delay and other timing uncertainty associ-
ated with all changes in output voltage controlled by the
LTC3888-1. A nominal fixed timing delay of 270µs exists to
process any change in output voltage including soft-start/
stop and margining. The start of all time-based output
operations occur with an uncertainty of ±50µs and have
a nominal step resolution of 100µs. This means the mini-
mum controlled time delay the LTC3888-1 can produce
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com