Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 57 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 57 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 53Page - Analog Devices LTM4677 Datasheet HTML 54Page - Analog Devices LTM4677 Datasheet HTML 55Page - Analog Devices LTM4677 Datasheet HTML 56Page - Analog Devices LTM4677 Datasheet HTML 57Page - Analog Devices LTM4677 Datasheet HTML 58Page - Analog Devices LTM4677 Datasheet HTML 59Page - Analog Devices LTM4677 Datasheet HTML 60Page - Analog Devices LTM4677 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
LTC3888-1
57
Rev. 0
For more information www.analog.com
As shown in Figure 38 master channel 0 and its assigned
slaves from the two ICs combine to form a single high
phase count rail with ideal phase separation, in this case
360/12 = 30 degrees. While a great deal of flexibility exists
in utilizing the remaining voltage control loops and slaves,
some phasing limitations do exist. For example, in a
10-phase case, the remaining three phases on each IC are
separated by 120 degrees, so a 2-phase rail built from one
of those loops would not be capable of 180° phasing. The
two remaining loops would also not produce uniform 60°
separation if combined into a single 6-phase rail. While
none of the phases on these remaining two 3-phase loops
overlap each other, one or more may overlap those of the
primary high count rail.
Whether using the phase expansion feature of the
LTC3888-1 or not, the following pins should be shared
between two or more devices devices on a large PolyPhase
rail:
• VIN (if separatre ICs)
• VSENSE± (see previous Output Voltage Sensing
discussion)
• ITH / ITHR
• TSNS/VDR_MON
• SYNC (if not using phase expansion)
• I2C bus pins (SCL, SDA)
• ALERT
• FAULT pins
• RUN
• SHARE_CLK (if separate ICs)
When ITH pins are shorted, one ITHR pin can be selected to
apply primary loop compensation, with all other ITHR pins
shorted to the common ITH. Alternatively, all ITHR pins can
be shorted, making the effective resistance the parallel
combination of all these RITH. This will reduce dynamic
range of RITH but will increase programming resolution.
Linear regulator outputs such as VDD33 and resistor config-
uration pins, including RSET, should not be shared between
devices. PGOOD may be shared between all master chan-
nels on a single rail, or a single PGOOD output can be
selected to indicate the rail output voltage is in regulation.
APPLICATIONS INFORMATION
All ICs of a PolyPhase rail may be required to share SYNC
pins. If phase expansion for a single rail is all that is
required, the IC providing the master clock simply drives
the clock slave IC SYNC input with its CLKOUT. If SYNC is
shared between ADI PSM devices, only one device should
be programmed to control the SYNC output. Refer to the
following section for additional PolyPhase details.
The PLL generates very accurate channel phase relation-
ships which can be selected with MFR_PWM_CONFIG_
LTC3888-1. For PolyPhase applications, all phases should
be spaced evenly around the unit circle for best results.
For instance, a 4-phase system should use a separation
of 90° between channels.
The PLL has a lock detection circuit. If the PLL should
lose lock during operation, bit 4 of the STATUS_MFR_
SPECIFIC command is asserted and the ALERT pin is
pulled low, if not masked. The fault can be cleared by
writing a 1 to STATUS_MFR_SPECIFIC bit 4.
POLYPHASE OPERATION AND LOAD SHARING
Single IC PolyPhase LTC3888-1 configuration are con-
trolled by bits [2:0] of MFR_PWM_CONFIG_LTC3888-1.
All necessary slave phase control is managed internal to
the device in this case. When operating a high power rail
requires between ten and sixteen phases, the LTC3888-1
affords dual-IC phase expansion to keep those phases ide-
ally spaced around the unit circle as shown in Figure 38.
To do this, bit 3 of MFR_PWM_CONFIG_LTC3888-1 is
set, making that device the clock master. The PGOOD0
pin is redefined to provide CLKOUT to drive the SYNC
input of the second LTC3888-1. A pull-up resistor to 3.3V
is still required on CLKOUT. Bits[2:0] of MFR_PWM_
CONFIG_LTC3888-1 are then set to the same value on
both ICs, yielding the following additional dual-IC rail
configurations:
• 10+(1 or 3)+(1 or 3)
• 12+(1 or 2)+(1 or 2)
• 14+1+1
• 16-phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com