Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 100 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 100 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 96Page - Analog Devices LTM4677 Datasheet HTML 97Page - Analog Devices LTM4677 Datasheet HTML 98Page - Analog Devices LTM4677 Datasheet HTML 99Page - Analog Devices LTM4677 Datasheet HTML 100Page - Analog Devices LTM4677 Datasheet HTML 101Page - Analog Devices LTM4677 Datasheet HTML 102Page - Analog Devices LTM4677 Datasheet HTML 103Page - Analog Devices LTM4677 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
LTC3888-1
100
Rev. 0
For more information www.analog.com
VOUT_OV_FAULT_RESPONSE
The VOUT_OV_FAULT_RESPONSE command reports the actions the device will take in response to an output over-
voltage fault, power stage fault or qualified UVLO (LTC3888-1 only) or qualified VDR supply UV during operation. The
format for this command is given in Table 13. The device also:
• Sets the VOUT_OV Bit in the STATUS_BYTE
• Sets the VOUT Bit in the STATUS_WORD
• Sets the VOUT Overvoltage Fault Bit in the STATUS_VOUT Command
• Notifies the Host by Asserting ALERT, Unless Masked
This read-only command has one data byte.
VOUT_UV_FAULT_RESPONSE
The VOUT_UV_FAULT_RESPONSE command instructs the device on what action to take in response to an output
undervoltage fault. The format for this command is given in Table 13. The device also:
• Sets the VOUT Bit in the STATUS_WORD
• Sets the VOUT Undervoltage Fault Bit in the STATUS_VOUT Command,
• Notifies the Host by Asserting ALERT, Unless Masked
This command has one data byte.
Table 13. Data Byte Contents for VOUT_OV_FAULT_RESPONSE and VOUT_UV_FAULT_RESPONSE
BITS
DESCRIPTION
VALUE
MEANING
[7:6]
For all values of bits [7:6], the LTC3888-1:
• Sets the corresponding fault bits in the status commands.
• Notifies the host by asserting ALERT, unless masked.
The fault, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command.
• The corresponding STATUS_VOUT bit is written to a one.
• The output is commanded off, then on, by the RUN pin or
OPERATION command.
• The device receives a RESTORE_USER_ALL command.
• The device receives an MFR_RESET command.
• IC supply power is cycled.
00
The LTC3888-1 continues to operate indefinitely with the
normal hardware response described in the Operation
section.
01
The LTC3888-1 continues operating with the normal
hardware response for the delay time specified by bits
[2:0]. If the fault is continuously present for the entire delay,
the unit then disables the output and responds according to
the retry setting in bits [5:3].
10
The LTC3888-1 immediately disables the output and
responds according to the retry setting in bits [5:3].
11
Not supported. Writing this value will generate a CML fault.
[5:3]
Retry setting.
000-110
The LTC3888-1 does not attempt to restart. The output
remains disabled until the fault is cleared, the device is
commanded off and then on, or IC supply power is cycled.
111
The LTC3888-1 attempts to restart continuously without
limitation with an interval set by MFR_RETRY_DELAY. This
response persists until the unit is commanded off, or IC
supply power is removed, or another fault response forces
shutdown without retry.
[2:0]
Delay time.
xxx
Response delay time in 10µs increments. This delay
time determines how long the fault may have to persist
before the controller is disabled, depending on bits [7:6].
Hardware-level response, if any, will occur during this delay.
PMBus COMMAND DETAILS (Fault Response and Communication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com