Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 103 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 103 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 99Page - Analog Devices LTM4677 Datasheet HTML 100Page - Analog Devices LTM4677 Datasheet HTML 101Page - Analog Devices LTM4677 Datasheet HTML 102Page - Analog Devices LTM4677 Datasheet HTML 103Page - Analog Devices LTM4677 Datasheet HTML 104Page - Analog Devices LTM4677 Datasheet HTML 105Page - Analog Devices LTM4677 Datasheet HTML 106Page - Analog Devices LTM4677 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 110 page
background image
LTC3888-1
103
Rev. 0
For more information www.analog.com
Table 14. Data Byte Contents for the Following _FAULT_RESPONSE Commands: VIN_OV, OT and TON_MAX
BITS
DESCRIPTION
VALUE
MEANING
[7:6]
For all values of bits [7:6], the LTC3888-1:
• Sets the corresponding fault bits in the status commands.
• Notifies the host by asserting ALERT, unless masked.
The fault, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command.
• The corresponding fault bit is written to a one.
• The output is commanded off, then on, by the RUN pin or
OPERATION command.
• The device receives a RESTORE_USER_ALL command.
• The device receives an MFR_RESET command.
• IC supply power is cycled.
00
The LTC3888-1 continues operating without interruption.
01
Not supported. Writing this value will generate a CML fault.
10
The LTC3888-1 shuts down immediately (disables the
output) and responds according to the retry setting in bits
[5:3].
11
Not supported. Writing this value will generate a CML fault.
[5:3]
Retry setting.
000-110
The LTC3888-1 does not attempt to restart. The output
remains disabled until the fault is cleared, the device is
commanded off and then on, or IC supply power is cycled.
111
The LTC3888-1 attempts to restart continuously without
limitation with an interval set by MFR_RETRY_DELAY.
This response persists until the unit is commanded off, IC
supply power is removed, or another fault response forces
shutdown without retry.
[2:0]
Delay time.
xxx
Not supported. Values ignored.
MFR_RETRY_DELAY
The MFR_RETRY_DELAY command sets the time, in milliseconds, between restart attempts for all retry fault responses.
Retry delay starts once the fault is no longer detected by the LTC3888-1 or its FAULT pin is externally released. Legal
values run from 120ms to 32.7 seconds.
This command has two data bytes in Linear_5s_11s format.
SMBALERT_MASK
The SMBALERT_MASK command can be used to prevent a particular status bit or bits from pulling ALERT low as
they are asserted.
Figure 50 shows an example of the Write Word format used to set an ALERT mask, in this case without PEC. The bits in
the mask byte align with bits in the specified status register. For example, if the STATUS_TEMPERATURE command code
is sent in the first data byte, and the mask byte contains 0x40, then a subsequent External Overtemperature Warning
would still set bit 6 of STATUS_TEMPERATURE but not assert ALERT. All other supported STATUS_TEMPERATURE
bits would continue to assert ALERT if set.
Figure 51 shows an example of the Block Write – Block Read Process Call protocol used to read back the present state
of the ALERT mask for any supported status register, again without PEC.
SMBALERT_MASK cannot be applied to STATUS_BYTE, STATUS_WORD, MFR_COMMON or MFR_PADS_LTC3888-1.
Factory default masking for applicable status registers is shown below. Providing an unsupported command code to
SMBALERT_MASK will generate a CML for Invalid/Unsupported Data.
PMBus COMMAND DETAILS (Fault Response and Communication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com