Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 106 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 106 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 102Page - Analog Devices LTM4677 Datasheet HTML 103Page - Analog Devices LTM4677 Datasheet HTML 104Page - Analog Devices LTM4677 Datasheet HTML 105Page - Analog Devices LTM4677 Datasheet HTML 106Page - Analog Devices LTM4677 Datasheet HTML 107Page - Analog Devices LTM4677 Datasheet HTML 108Page - Analog Devices LTM4677 Datasheet HTML 109Page - Analog Devices LTM4677 Datasheet HTML 110Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 106 / 110 page
background image
LTC3888-1
106
Rev. 0
For more information www.analog.com
EEPROM USER ACCESS
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
STORE_USER_ALL
0x15 Store entire operating memory in EEPROM.
Send Byte
N
RESTORE_USER_ALL
0x16 Restore entire operating memory from
EEPROM.
Send Byte
N
MFR_COMPARE_USER_ALL
0xF0 Compare operating memory with EEPROM
contents.
Send Byte
N
MFR_FAULT_LOG_STORE
0xEA Force capture of fault log in RAM and transfer
to EEPROM.
Send Byte
N
MFR_EE_UNLOCK
0xBD (contact the factory)
MFR_EE_ERASE
0xBE (contact the factory)
MFR_EE_DATA
0xBF (contact the factory)
USER_DATA_00
0xB0 EEPROM word reserved for LTpowerPlay.
R/W Word
N
Reg
l
USER_DATA_01
0xB1 EEPROM word reserved for LTpowerPlay.
R/W Word
Y
Reg
l
USER_DATA_02
0xB2 EEPROM word reserved for OEM use.
R/W Word
N
Reg
l
USER_DATA_03
0xB3 EEPROM word available for general data
storage.
R/W Word
Y
Reg
l
0x0000
USER_DATA_04
0xB4 EEPROM word available for general data
storage.
R/W Word
N
Reg
l
0x0000
Related commands: MFR_CONFIG_ALL
Note that if the LTC3888-1 die temperature exceeds 130°C, execution of any command in the above table except
RESTORE_USER_ALL and MFR_FAULT_LOG_STORE will be disabled until the IC temperature drops below 125°C.
RESTORE_USER_ALL is executed immediately, and MFR_FAULT_LOG_STORE to EEPROM is executed after the IC
temperature drops below 125°C. Using any command that writes data to the EEPROM is strongly discouraged if bit 6
of STATUS_MFR_ SPECIFIC is set, indicating the internal die temperature is above 85°C. Data retention of 10 years is
not guaranteed if the EEPROM is written above a junction temperature of 85°C.
STORE_USER_ALL
The STORE_USER_ALL command instructs the PMBus device to copy the entire contents of the operating memory to
internal EEPROM PMBus configuration space.
This write-only command has no data bytes.
RESTORE_USER_ALL
The RESTORE_USER_ALL command instructs the PMBus device to copy the entire contents of the internal EEPROM to
matching locations in operating memory. The values in operating memory are overwritten by the values retrieved from
EEPROM. Both master channels should be turned off prior to issuing this command. The LTC3888-1 ensures all PWM
channels are off, loads the operating memory from internal EEPROM, clears all faults, reads the resistor configuration
pins, and then performs a soft-start of any enabled master channels.
This write-only command has no data bytes.
PMBus COMMAND DETAILS (EEPROM User Access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com