Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 108 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 108 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 102Page - Analog Devices LTM4677 Datasheet HTML 103Page - Analog Devices LTM4677 Datasheet HTML 104Page - Analog Devices LTM4677 Datasheet HTML 105Page - Analog Devices LTM4677 Datasheet HTML 106Page - Analog Devices LTM4677 Datasheet HTML 107Page - Analog Devices LTM4677 Datasheet HTML 108Page - Analog Devices LTM4677 Datasheet HTML 109Page - Analog Devices LTM4677 Datasheet HTML 110Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 108 / 110 page
background image
LTC3888-1
108
Rev. 0
For more information www.analog.com
PACKAGE DESCRIPTION
5.00
±0.10
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE
OUTLINE MO-220
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
PIN 1
TOP MARK
(SEE NOTE 6)
52
44
43
27
43
27
1
17
18
26
BOTTOM VIEW—EXPOSED PAD
6.65
±0.10
6.40 REF
8.00
±0.10
0.75
± 0.05
0.75
±0.05
R = 0.10
TYP
0.20
±0.05
(UHG52) QFN 0716 REV Ø
0.40 BSC
0.27 REF
0.200 REF
0.00 – 0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
3.20 REF
0.40
±0.10
0.00 – 0.05
18
26
0.70
±0.05
27
26
18
17
1
43
44
52
0.40 BSC
0.80 BSC
6.40 REF
3.20 REF
4.10
±0.05
5.50
±0.05
0.20
±0.05
6.65
±0.10
3.65
±0.10
7.10
±0.05
8.50
±0.05
PACKAGE
OUTLINE
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 NOTCH
R = 0.30 TYP OR
0.35
× 45° CHAMFER
UHG Package
52-Lead Plastic QFN (5mm
× 8mm)
(Reference LTC DWG # 05-08-1550 Rev Ø)
3.65
±0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com