Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 105 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 105 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 101Page - Analog Devices LTM4677 Datasheet HTML 102Page - Analog Devices LTM4677 Datasheet HTML 103Page - Analog Devices LTM4677 Datasheet HTML 104Page - Analog Devices LTM4677 Datasheet HTML 105Page - Analog Devices LTM4677 Datasheet HTML 106Page - Analog Devices LTM4677 Datasheet HTML 107Page - Analog Devices LTM4677 Datasheet HTML 108Page - Analog Devices LTM4677 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 110 page
background image
LTC3888-1
105
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS (Fault Response and Communication)
BIT
PROPAGATED CONDITION
7
OT_FAULT_LIMIT exceeded.
6
(Reserved).
5
(Reserved).
4
VIN_OV_FAULT_LIMIT exceeded.
3
(Reserved).
2
IOUT_OC_FAULT_LIMIT exceeded.
1
VOUT_UV_FAULT_LIMIT exceeded
0
VOUT_OV_FAULT_LIMIT exceeded, power stage fault or UV, or VDR monitor UV
*If this bit is set, MFR_FAULT_RESPONSE should be set to ignore (0x00), otherwise the rail might not start.
This command has two data bytes.
MFR_FAULT_RESPONSE
The MFR_FAULT_RESPONSE command instructs the device on what action to take in response to a FAULT pin being
pulled low externally.
Supported Values:
VALUE
MEANING
0xC0
Related rail is immediately disabled.
0x00
Input ignored, PWM operation continues without interruption.
When a FAULT pin is pulled low externally, the device also:
• Sets the MFR_SPECIFIC Bit in the STATUS_WORD
• Sets Bit 0 in the STATUS_MFR_SPECIFIC Command to Indicate FAULT Is or Has Been Pulled Low
• Notifies the Host by Asserting ALERT, Unless Masked
This command has one data byte.
MFR_FAULT_LOG
The MFR_FAULT_LOG command allows the contents of the fault log to be read. This log is created with MFR_FAULT_
LOG_STORE or at the first fault occurrence after an MFR_FAULT_LOG_CLEAR. If a fault occurs within the first second
after applying power, some earlier pages in the log may not contain valid data.
This read-only command uses block protocol with 147 bytes of data requiring an estimated data transfer time of 3.4ms
at 400kHz. The tTIMEOUT parameter is extended when this command is executed and a fault log is present.
Refer to Fault Log Details in the Operation section for complete information on using the LTC3888-1 fault log.
MFR_FAULT_LOG_CLEAR
The MFR_FAULT_LOG_CLEAR command erases all stored fault log values. After a clear is issued, up to 8ms may be
required to clear related bit 3 in STATUS_MFR_SPECIFIC.
This write-only command has no data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com