Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 109 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 109 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 102Page - Analog Devices LTM4677 Datasheet HTML 103Page - Analog Devices LTM4677 Datasheet HTML 104Page - Analog Devices LTM4677 Datasheet HTML 105Page - Analog Devices LTM4677 Datasheet HTML 106Page - Analog Devices LTM4677 Datasheet HTML 107Page - Analog Devices LTM4677 Datasheet HTML 108Page - Analog Devices LTM4677 Datasheet HTML 109Page - Analog Devices LTM4677 Datasheet HTML 110Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 109 / 110 page
background image
LTC3888-1
109
Rev. 0
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
TYPICAL APPLICATIONS
+
ITHR1
ITHR1
INTVCC
RUN1
RUN1
SHARE_CLK
SHARE_CLK
ITH1
ITH1
ITHR0
ITHR0
ITH0
ITH0
RUN0
RUN0
FAULT1
FAULT1
FAULT0
FAULT0
INTVCC
VDD33
VDD33
2F
4.7F
1F
1F
4.7F
2.2F
2200pF
100pF
PMBus
2F
VDD33
VSENSE1+
VSENSE1+
VDD33
VDD33
VDD33
VOUT0
0.4V TO 3.45V
AT 800A
VIN 6V TO 14V
PMBus
VSENSE1–
VSENSE1–
VSENSE0+
VSENSE0–
VSENSE0+
VSENSE0–
DAOUT1
VFB1
VFB1
ALERT
ALERT
SDA
SDA
SCL
SCL
VFB0
VFB0
DAOUT0
DAOUT0
DAOUT1
VDD25
VDD25
SYNC
SYNC
PGOOD1
PGOOD1
PGOOD0
PGOOD0
ISENSE6
PWM7
PWM6
GND
GND
ISENSE5
PWM5
SW
GND
ISENSE7
PWM7
ISENSE6
PWM6
LTC3888-1
LTC3888-1
ISENSE5
PWM5
ISENSE5
PWM5
ISENSE1
TSNS1
TSNS1
TSNS0
TSNS0
PWM1
ISENSE0
ISENSE0
PWM0
PWM0
ISENSE2
PWM2
ISENSE2
PWM2
ISENSE3
PWM3
ISENSE4
PWM4
ISENSE3
PWM3
ISENSE4
IREF
38881 F52
IREF
PWM4
ISENSE7
VIN
VIN
VIN
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
SW
GND
VIN
IMON
IREF
TEMP
PWM
(Advanced implementation with some error amplifiers disabled)
Figure 52. 16-Phase 800A Output
NOTE: RSET and optional
resistor configuration not
shown, see page 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com