Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 107 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 107 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 102Page - Analog Devices LTM4677 Datasheet HTML 103Page - Analog Devices LTM4677 Datasheet HTML 104Page - Analog Devices LTM4677 Datasheet HTML 105Page - Analog Devices LTM4677 Datasheet HTML 106Page - Analog Devices LTM4677 Datasheet HTML 107Page - Analog Devices LTM4677 Datasheet HTML 108Page - Analog Devices LTM4677 Datasheet HTML 109Page - Analog Devices LTM4677 Datasheet HTML 110Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 107 / 110 page
background image
LTC3888-1
107
Rev. 0
For more information www.analog.com
MFR_COMPARE_USER_ALL
The MFR_COMPARE_USER_ALL command instructs the LTC3888-1 to compare current operating memory with the
contents of the internal EEPROM. If the compared memories differ, a CML fault is generated.
This write-only command has no data bytes.
MFR_FAULT_LOG_STORE
The MFR_FAULT_LOG_STORE command forces a data log to be written to RAM (at any temperature) and transferred to
internal EEPROM as if a fault event had occurrred. Execution of this command will lock the fault log until a subsequent
MFR_FAULT_LOG_CLEAR is received. Die temperature limitations apply to the EEPROM write, as noted above. This
command will generate a CML fault if the Enable Fault Logging bit is clear in MFR_CONFIG_ALL.
This write-only command has no data bytes.
MFR_EE_xxxx
The MFR_EE_xxxx commands facilitate bulk programming of the LTC3888-1 internal EEPROM. Contact the factory for details.
USER_DATA_0x
The USER_DATA_0x commands provide uncommitted EEPROM locations that may be applied as system scratchpad
space. USER_DATA_00 and USER_DATA_01 should not be modified when using the LTpowerPlay GUI. Some contract
manufacturers also reserve use of USER_DATA_02 for their own inventory control.
PMBus COMMAND DETAILS (EEPROM User Access/Unit Identification)
The following three read-only commands use block format.
MFR_ID
The MFR_ID command returns the manufacturer ID of the LTC3888-1 using 8-bit ASCII characters.
IC_DEVICE_ID
The IC_DEVICE_ID command returns the ADI IC part number using 8-bit ASCII characters.
MFR_SPECIAL_ID
The MFR_SPECIAL_ID command returns a unique binary product code for the device. X is adjustable by the maufacturer.
This read-only command has two data bytes.
UNIT IDENTIFICATION
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_ID
0x99 Manufacturer identification.
R String
N
ASC
LTC
IC_DEVICE_ID
0xAD LTC3888-1 model number.
R String
N
ASC
LTC3888-1
MFR_SPECIAL_ID
0xE7 Unique manufacturer product ID
R Word
N
REG
0x488x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com