Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 104 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 104 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 100Page - Analog Devices LTM4677 Datasheet HTML 101Page - Analog Devices LTM4677 Datasheet HTML 102Page - Analog Devices LTM4677 Datasheet HTML 103Page - Analog Devices LTM4677 Datasheet HTML 104Page - Analog Devices LTM4677 Datasheet HTML 105Page - Analog Devices LTM4677 Datasheet HTML 106Page - Analog Devices LTM4677 Datasheet HTML 107Page - Analog Devices LTM4677 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
LTC3888-1
104
Rev. 0
For more information www.analog.com
SMBALERT_MASK Default Setting: (Refer Also to Figure 2)
STATUS RESISTER
ALERT Mask Value MASKED BITS
STATUS_VOUT
0x00
None
STATUS_IOUT
0x00
None
STATUS_TEMPERATURE
0x00
None
STATUS_CML
0x00
None
STATUS_INPUT
0x00
None
STATUS_MFR_SPECIFIC
0x11
Bit 4 (internal PLL unlocked), bit 0 (FAULT low)
PMBus COMMAND DETAILS (Fault Response and Communication)
Figure 50. Example of Setting SMBALERT_MASK
Figure 51. Example of Reading SMBALERT_MASK
MFR_FAULT_PROPAGATE
The MFR_FAULT_PROPAGATE command determines internal events that cause FAULT to be asserted. Setting a bit in
this register allows the specified condition to also assert the FAULT output for that channel. FAULT is not asserted by
a fault, even if set to propagate, if that FAULT_RESPONSE is set to Ignore. The state of SMBLALERT_MASK does not
affect fault propagation.
Supported Values:
BIT
PROPAGATED CONDITION
15
(Reserved).
14
VOUT short cycled (automatically deasserted 120ms after VOUT is fully OFF).
13
TON_MAX_FAULT_LIMIT exceeded.
12
VOUT_UV_FAULT_LIMIT exceeded (unfiltered, aka VOUT_UV_UF).
11
MFR_OT_FAULT_LIMIT exceeded.
10*
Channel 1 POWER_GOOD false.
9*
Channel 0 POWER_GOOD false.
8
(Reserved).
P
1
SLAVE
ADDRESS
SMBALERT_MASK
COMMAND CODE
STATUS_x
COMMAND CODE
W A
A
S
7
8
8
1
8
1
1 1
1
1
A
A
MASK BYTE
388812 F50
SLAVE
ADDRESS
SMBALERT_MASK
COMMAND CODE
BLOCK COUNT
(= 1)
W A
A
S
7
8
8
1
STATUS_x
COMMAND CODE
8
1
1 1
1
1
A
A
…
Sr
1
BLOCK COUNT
(= 1)
A
NA P
388812 F51
A
8
8
1
1 1
1
MASK BYTE
SLAVE
ADDRESS
7
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com