Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 96 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 96 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 92Page - Analog Devices LTM4677 Datasheet HTML 93Page - Analog Devices LTM4677 Datasheet HTML 94Page - Analog Devices LTM4677 Datasheet HTML 95Page - Analog Devices LTM4677 Datasheet HTML 96Page - Analog Devices LTM4677 Datasheet HTML 97Page - Analog Devices LTM4677 Datasheet HTML 98Page - Analog Devices LTM4677 Datasheet HTML 99Page - Analog Devices LTM4677 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
LTC3888-1
96
Rev. 0
For more information www.analog.com
READ_VIN
The READ_VIN command returns the input voltage measured between VIN and GND in volts.
This read-only command has two data bytes in Linear_5s_11s format.
TELEMETRY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
READ_VIN
0x88 Measured VIN.
R Word
N
L11
V
MFR_VIN_PEAK
0xDE Maximum VIN measurement since last
MFR_CLEAR_PEAKS.
R Word
N
L11
V
READ_VOUT
0x8B Measured VOUT.
R Word
Y
L16
V
MFR_VOUT_PEAK
0xDD Maximum VOUT measurement since last
MFR_CLEAR_PEAKS.
R Word
Y
L16
V
READ_IOUT
0x8C Measured master channel IOUT.
R Word
Y
L11
A
MFR_IOUT_PEAK
0xD7 Maximum master channel IOUT measurement
since last MFR_CLEAR_PEAKS.
R Word
Y
L11
A
MFR_TOTAL_IOUT
0xE1 Measured total IOUT for each rail defined by
MFR_PWM_CONFIG_LTC3888-1.
R Word
Y
L11
A
MFR_READ_ALL_IOUT
0xE4 Measured IOUT for each individual PWM
phase.
R Block
N
L11
A
READ_TEMPERATURE_1
0x8D Measured external temperature.
R Word
Y
L11
°C
MFR_TEMPERATURE_1_PEAK
0xDF Maximum external temperature measurement
since last MFR_CLEAR_PEAKS.
R Word
Y
L11
°C
READ_TEMPERATURE_2
0x8E Measured internal temperature.
R Word
N
L11
°C
MFR_TEMPERATURE_2_PEAK
0xF4 Maximum internal temperature measurement
since last MFR_CLEAR_PEAKS.
R Word
N
L11
°C
READ_FREQUENCY
0x95 Measured PWM input clock frequency.
R Word
Y
L11
kHz
MFR_CLEAR_PEAKS
0xE3 Clear all peak values.
Send Byte
N
Related commands: IOUT_CAL_GAIN
PMBus COMMAND DETAILS (Telemetry)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com