Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 50 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 50 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 46Page - Analog Devices LTM4677 Datasheet HTML 47Page - Analog Devices LTM4677 Datasheet HTML 48Page - Analog Devices LTM4677 Datasheet HTML 49Page - Analog Devices LTM4677 Datasheet HTML 50Page - Analog Devices LTM4677 Datasheet HTML 51Page - Analog Devices LTM4677 Datasheet HTML 52Page - Analog Devices LTM4677 Datasheet HTML 53Page - Analog Devices LTM4677 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
LTC3888-1
50
Rev. 0
For more information www.analog.com
Adjusting RITH will change the pole-zero locations as
shown in Figure 27. LTpowerCAD is a freeware tool avail-
able from ADI suitable for determining optimum values
for gm and RITH for the LTC3888-1.
Internal RITH and external CTH combine to set the domi-
nant pole-zero loop compensation. Adjust the value of
RITH to optimize transient response after final PCB layout
is complete and a particular CTH and output filter capacitor
have been selected. The types and values used for these
capacitors will strongly influence loop gain and phase.
Occassionally, fine tuning of AC compensation to optimize
transient response may benefit from additional mid-band
phase recovery. In this case, another pole-zero pair can
be added to the feedback loop with a small capacitor or
R-C across the top resistor of the VOUT feedback network,
as shown in Figure 28. Often R3 is replaced with a short
when the error amplifer is an OTA, as is the case with
the LTC3888-1. Adding R3 provides additional AC gain
control, if needed. This allows total loop compensation
approaches similar to a Type III network.
APPLICATIONS INFORMATION
Figure 27. RITH Adjust
Figure 28. Remote Sense and Setting Output Voltage
INCREASE RITH
FREQUENCY
388812 F27
GAIN
TYPE II COMPENSATION
DAOUT
C3
R1
R3
R2
38881 G28
VSENSE–
VSENSE+
VOUT
VFB
–
+
1X
LTC3888-1
Figure 26. Error AMP gm Adjust
INCREASE gm
FREQUENCY
388812 F26
GAIN
TYPE II COMPENSATION
Regulator loop stability can be checked by observing a
load transient response. Post-transient output voltage
settling is related to closed-loop stability and will dem-
onstrate actual overall supply performance. Switching
regulators can require several clock cyles to respond to
a direct step in DC load current due to the time required
for a voltage feedback error signal to develop. As the loop
responds and adjusts to remove the developing error sig-
nal, VOUT can be monitored for an over-damped, sluggish
response or excessive overshoot or ringing, which would
then indicate a stability problem.
The LTC3888-1 features flexible load step emulation
(PMBus MFR_LOAD_EMULATION command) to simu-
late calibrated output loads placed simultaneously on
all phases of the rail. It is not necessary to generate an
actual, high powered and regulated load step on the rail
output. This creates a VOUT response that is identical to
that of a physical output load step with COUT ESR effects
removed from the initial step edge. This makes observa-
tion of VOUT useful for loop evalution. In a predominantly
second-order system, phase margin and/or damping fac-
tor can be estimated using the percentage of overshoot
seen at the output. Bandwidth can also be estimated by
the rise time of the VOUT waveform in this case.
A more severe load step case is created if unpowered
loads with large supply bypass capacitors (>1μF) are
cold-switched to the rail output for power. The discharged
bypass capacitors are effectively put in parallel wth COUT,
causing a rapid drop in VOUT. No regulator can alter power
delvery quickly enough to prevent this sudden step change
in output voltage if the load switch resistance is low and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com