Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 110 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 110 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 102Page - Analog Devices LTM4677 Datasheet HTML 103Page - Analog Devices LTM4677 Datasheet HTML 104Page - Analog Devices LTM4677 Datasheet HTML 105Page - Analog Devices LTM4677 Datasheet HTML 106Page - Analog Devices LTM4677 Datasheet HTML 107Page - Analog Devices LTM4677 Datasheet HTML 108Page - Analog Devices LTM4677 Datasheet HTML 109Page - Analog Devices LTM4677 Datasheet HTML 110Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 110 / 110 page
background image
LTC3888-1
110
Rev. 0
ANALOG DEVICES, INC. 2020
02/20
www.analog.com
TYPICAL APPLICATIONS
PART NUMBER DESCRIPTION
COMMENTS
LTM4676A
Dual 13A or Single 26A Step-Down DC/DC µModule Regulator
with Digital Power Management
VIN Up to 26.5V, 0.5V ≤ VOUT (±0.5%) ≤ 5.4V, ±2% IOUT ADC Accuracy,
Fault Logging, I2C/PMBus Interface, 16mm
× 16mm × 5mm BGA Package
LTM4677
Dual 18A or Single 36A Step-Down DC/DC µModule Regulator
with Digital Power System Management
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT (±0.5%) ≤ 1.8V, I2C/PMBus Interface,
16mm × 16mm × 5mm BGA Package
LTM4700
Dual 50A or Single 100A Step-Down DC/DC µModule
Regulator with Digital Power System Management
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 1.8V, ±0.5% VOUT Accuracy, Fault
Logging, I2C/PMBus Interface, 15mm × 22mm × 7.87mm BGA Package
LTC2977
8-Channel PMBus Power System Manager
Fault Logging of 8 Output Voltages, VIN and Die Temperature
LTC3882/
LTC3882-1
Dual Output Multiphase Step-Down DC/DC Voltage Mode
Controller Digital Power System Management
VIN Up to 38V, 0.5V ≤ VOUT ≤ 5.25V, ±0.5% VOUT Accuracy, Fault
Logging, I2C/PMBus Interface with EEPROM and 16-Bit ADC
LTC3884/
LTC3884-1
Dual Output Multiphase Step-Down DC/DC Current Mode
Controller with Sub-mΩ DCR Sensing and Digital Power
System Management
4.5V ≤ VIN ≤ 38V, 0.5V ≤ VOUT (±0.5%) ≤ 5.5V, Fault Logging, I2C/PMBus
Interface with EEPROM and 16-Bit ADC, Programmable Analog Loop
Compensation, Input Current Sense
LTC3874
Multiphase Step-Down DC/DC Current Mode Slave Controller
with Sub-mΩ DCR Sensing
4.5V ≤ VIN ≤ 38V, 0.5V ≤ VOUT Up to 5.5V, Accurate Current Sharing
LTC3887/
LTC3887-1
Dual Output Multiphase Step-Down DC/DC Current Mode
Controller Digital Power System Management
VIN Up to 24V, 0.5V ≤ VOUT ≤ 5.5V, ±0.5% VOUT Accuracy, Fault Logging,
I2C/PMBus Interface with EEPROM and 16-Bit ADC
LTC3886
60V Dual Output Multiphase Step-Down DC/DC Current Mode
Controller Digital Power System Management
4.5V ≤ VIN ≤ 60V, 0.5V ≤ VOUT (±0.5%) ≤ 13.8V, Fault Logging,
I2C/PMBus Interface with EEPROM and 16-Bit ADC, Programmable
Analog Loop Compensation, Input Current Sense
LTC3889
60V Dual Output Multiphase Step-Down DC/DC Current Mode
Controller Digital Power System Management
5V ≤ VIN ≤ 60V, 1V ≤ VOUT ≤ 40V, ±0.5% VOUT Accuracy, Fault Logging,
I2C/PMBus Interface with EEPROM and 16-Bit ADC, Programmable
Analog Loop Compensation, Input Current Sense
LTC3870/
LTC3870-1
60V Multiphase Step-Down DC/DC Current Mode Slave
Controller
VIN Up to 60V, 0.5V ≤ VOUT Up to 14V, Accurate Current Sharing
LTC3888/
LTC3888-2
Dual Output 8-Phase Expandable Step-Down DC/DC Current
Mode Controller with Digital Power System Management and SPI
Interface
4.5V ≤ VIN ≤ 28.5V, 0.3V ≤ VOUT (±0.5%) ≤ 3.45V, Fault Logging,
I2C/PMBus Interface with EEPROM and 16-Bit ADC, Programmable
Analog Loop Compensation with Load Step Emulation
RELATED PARTS
Figure 53. Dual 4-Phase 120A Power Block Rails
2µF
100pF
100pF
2200pF
2200pF
1µF
LTC3888-1
388812 F53
GND
PWM2
ISENSE2
PWM3
ISENSE3
PWM4
ISENSE4
IREF
PWM5
ISENSE5
PWM6
ISENSE6
PWM7
ISENSE7
VSENSE1+
VSENSE1–
DAOUT1
VFB1
VSENSE0+
VSENSE0–
DAOUT0
VFB0
+CS2
–CS2
+CS1
–CS1
+CS3
–CS3
+CS4
–CS4
SYNC
FAULT0
FAULT1
RUN0
RUN1
SHARE_CLK
SCL
SDA
ALERT
PMBus
PSM
SHARED
PINS
THREE ADDITIONAL
IDENTICAL POWER
STAGES
INTVCC
4.7µF
POWER
BLOCK
VOUT1
0.4V TO 3.45V
AT 120A
VIN 6V TO 24V
VDR 5V TO 7V
ITHR1
ITH1
VDD33
ITHR0
ITH0
VDD25
VIN
VDR_MON
PWM1
ISENSE1
TSNS1
PWM0
ISENSE0
PGOOD0
PGOOD1
+CS2
–CS2
+CS1
–CS1
+CS3
–CS3
+CS4
–CS4
THREE ADDITIONAL
IDENTICAL POWER
STAGES
3µF
VOUT0
0.4V TO 3.45V
AT 120A
POWER
BLOCK
2.2µF
NOTE: RSET and optional
resistor configuration not
shown, see page 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com