Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 161 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 161 Page - NEC

Back Button VR4102 Datasheet HTML 157Page - NEC VR4102 Datasheet HTML 158Page - NEC VR4102 Datasheet HTML 159Page - NEC VR4102 Datasheet HTML 160Page - NEC VR4102 Datasheet HTML 161Page - NEC VR4102 Datasheet HTML 162Page - NEC VR4102 Datasheet HTML 163Page - NEC VR4102 Datasheet HTML 164Page - NEC VR4102 Datasheet HTML 165Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
161
6.3.2 BadVAddr Register (8)
The Bad Virtual Address (BadVAddr) register is a read-only register that saves the most recent virtual address
that failed to have a valid translation, or that had an addressing error. Figure 6-2 shows the format of the BadVAddr
register.
Caution
This register saves no information after a bus error exception, because it is not an address
error exception.
Figure 6-2. BadVAddr Register Format
(a) 32-bit mode
32
0
31
BadVAddr
(b) 64-bit mode
(b) 64-bit mode
64
0
63
BadVAddr
BadVAddr:
Most recent virtual address for which an addressing error occurred, or for which address
translation failed
6.3.3 Count Register (9)
The read/write Count register acts as a timer. It is incremented in synchronization with the MasterOut clock,
regardless of whether instructions are being executed, retired, or any forward progress is actually made through the
pipeline.
This register is a free-running type.
When the register reaches all ones, it rolls over to zero and continues
counting. This register is used for self-diagnostic test, system initialization, or the establishment of inter-process
synchronization.
Figure 6-3 shows the format of the Count register.
Figure 6-3. Count Register Format
32
0
31
Count
Count: 32-bit up-date count value that is compared with the value of the Compare register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com