| Electronic Components Datasheet Search |
|
FXLS93421 Datasheet(PDF) 149 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93421 Datasheet(HTML) 149 Page - NXP Semiconductors |
|
149 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor aaa-030647 time BUS_I Cmd_Block Cmd_Valid Cmd_Start VHigh_Samp tCmd_Valid Figure 64. DSI3 command receiver timing diagram: micro-cut 12.1.2 Response transmitter The response transmitter block converts two digital signals into two supply modulation current. The response currents are generated such that the rise and fall times are the same whether the IRESP current is being transmitted or the 2 x IRESP cur-rent is being transmitted. A diagram of the response transmitter is shown in Figure 63. Current values and timing parameters are specified in Section 10.4 and Section 10.11. BUS_I VSS aaa-030648 MAGNITUDE CONTROL transmit level `0' transmit level `1' transmit level `2' SLEW CONTROL Figure 65. DSI3 transmitter block diagram 12.1.3 Discovery mode current sense The current sense circuit is used during discovery mode to determine if any additional slaves are connected to the BUS_O pin of the device. A diagram of the current sense circuit is shown in Figure 66. Current values and timing parameters are specified in Section 10.4 and Section 10.11. Details regarding discovery mode are included in Section 12.2.3. aaa-030649 RSENSE AddrCount LastDevice Disc_Command_Rcvd CONTROL LOGIC IDISC >0? IOUT IDATA BUS_O IREF ICCQ Disc_Compare + - - SAMPLE AND HOLD ICCQ sample amp ICCQ Figure 66. Discovery mode current sense circuit block diagram FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 149 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |