Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 138 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 138 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 134Page - NXP Semiconductors FXLS93421 Datasheet HTML 135Page - NXP Semiconductors FXLS93421 Datasheet HTML 136Page - NXP Semiconductors FXLS93421 Datasheet HTML 137Page - NXP Semiconductors FXLS93421 Datasheet HTML 138Page - NXP Semiconductors FXLS93421 Datasheet HTML 139Page - NXP Semiconductors FXLS93421 Datasheet HTML 140Page - NXP Semiconductors FXLS93421 Datasheet HTML 141Page - NXP Semiconductors FXLS93421 Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Response parameters are specified in Section 10 and the offset low-pass filter
coefficients are specified in Table 216.
During startup, multiple phases of the offset low-pass filter are used to allow for fast
convergence of the internal offset error during initialization. The offset rate limiting is also
bypassed regardless of the state of the OC_FILT bits in the CHx_CFG_U4 register. The
low-pass filter details and timing for the startup phases is shown in Table 216.
In normal mode, the offset low-pass filter frequency can be selected and output rate
limiting can be applied to the output of the offset low-pass filter via the OC_FILT bits in
the CHx_CFG_U4 register. Rate limiting can only be enabled if the 0.04 Hz offset LPF is
selected. If rate limiting is enabled, the offset cancellation output is updated by OFFStep
LSB every tRL_Rate seconds.
The offset cancellation circuit output value is frozen when analog or digital self-test is
active (ST_CTRL = 0x8 - 0xF) regard-less of the offset cancellation phase. When analog
or digital self-test is deactivated, the offset cancellation output value freeze is extended
for 15 ms before continuing updates.
Offset LPF
startup phase
Time from reset
to start of phase
(ms)
Sample
Time
(us)
Coefficients (24 bit)
LPF corner
frequency (-3 dB)
(Hz)
Time constant (τ)
(ms)
Rate limiting
a0
0.234051465988159
n0
0.49999988079071
n1
0.49999988079071
0
0
256
d0
1.0
d1
–0.765948414802551
163.8
0.9714
Bypassed
a0
0.063805103302002
n0
0.49999988079071
n1
0.49999988079071
1
4.096
256
d0
1.0
d1
–0.936194777488708
40.96
3.886
Bypassed
a0
0.0163367986679077
n0
0.49999988079071
n1
0.49999988079071
2
8.192
256
d0
1.0
d1
–0.983663082122802
10.24
15.54
Bypassed
a0
0.00410926342010498
n0
0.49999988079071
n1
0.49999988079071
3
24.58
256
d0
1.0
d1
–0.995890617370605
2.560
62.17
Bypassed
a0
0.00102889537811279
n0
0.49999988079071
n1
0.49999988079071
4
90.11
256
d0
1.0
d1
–0.998970985412597
0.6400
248.7
Bypassed
a0
0.000257253646850586
n0
0.49999988079071
n1
0.49999988079071
5
352.3
256
d0
1.0
d1
–0.999742627143859
0.1600
994.7
Bypassed
a0
0.0000643377478321934
n0
0.49999988079071
n1
0.49999988079071
6a
1401
256
d0
1.0
d1
–0.9999356623
0.0400
3979
Controlled by
OC_FILT[1:0]
a1
0.000032169
39131789331
n10
0.5
n11
0.5
6b
1401
1024
d10
1
d11
–0.999967830
25562763214
0.005
32000
Bypassed
Self-test Active
Output Frozen
Table 216. Offset cancellation phases and times: DSI3, SPI, and I2C modes
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
138 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com