Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 139 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 139 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 135Page - NXP Semiconductors FXLS93421 Datasheet HTML 136Page - NXP Semiconductors FXLS93421 Datasheet HTML 137Page - NXP Semiconductors FXLS93421 Datasheet HTML 138Page - NXP Semiconductors FXLS93421 Datasheet HTML 139Page - NXP Semiconductors FXLS93421 Datasheet HTML 140Page - NXP Semiconductors FXLS93421 Datasheet HTML 141Page - NXP Semiconductors FXLS93421 Datasheet HTML 142Page - NXP Semiconductors FXLS93421 Datasheet HTML 143Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Offset LPF
startup
phase
Time from reset
to start of phase
(ms)
LPF corner
frequency
(–3 dB)
(Hz)
Time
constant (τ)
(ms)
Rate limiting
0
0
163.8
0.9714
Bypassed
1
4.096
40.96
3.886
Bypassed
2
8.192
10.24
15.54
Bypassed
3
24.58
2.560
62.17
Bypassed
4
90.11
0.6400
248.7
Bypassed
6a
End of Initialization
Phase 3
0.0400
3979
Controlled by
OC_FILT[1:0]
6b
End of Initialization
Phase 3
0.005
32000
Bypassed
Table 217. Offset cancellation phases and times: PSI5 modes
-30
-20
-10
-40
-50
0
10
magintude
(dB)
-60
frequency (Hz)
10-3
10
1
10-2
10-1
aaa-030634
minimum oscillator
typical oscillator
maximum oscillator
2000
4000
6000
delay
(ms)
0
frequency (Hz)
10-3
10
1
10-2
10-1
aaa-030897
minimum oscillator
typical oscillator
maximum oscillator
Figure 51. 0.04 Hz offset cancellation low–pass filter characteristics
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
139 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com