Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 3 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 3 Page - Microchip Technology

  CEC1712 Datasheet HTML 1Page - Microchip Technology CEC1712 Datasheet HTML 2Page - Microchip Technology CEC1712 Datasheet HTML 3Page - Microchip Technology CEC1712 Datasheet HTML 4Page - Microchip Technology CEC1712 Datasheet HTML 5Page - Microchip Technology CEC1712 Datasheet HTML 6Page - Microchip Technology CEC1712 Datasheet HTML 7Page - Microchip Technology CEC1712 Datasheet HTML 8Page - Microchip Technology CEC1712 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 3
CEC1712
- Programmable Blink Rates
- Piecewise Linear Breathing LED Output Con-
troller
- Provides for programmable rise and fall
waveforms
- Operational in EC Sleep States
- Both 5V tolerant LED pins
Analog Features
• ADC Interface
- 10-bit or 12-bit readings supported
- ADC Conversion time 500nS/channel
- 5 Channels
- External voltage reference
- Supports thermistor temperature readings
Battery Powered Peripherals
• Real Time Clock (RTC)
- VBAT Powered
- 32KHz Crystal Oscillator orExternal single-
ended 32 kHz clock source
- Time-of-Day and Calendar Registers
- Programmable Alarms
- Supports Leap Year and Daylight Savings
Time
• Hibernation Timer Interface
- Two 32.768 KHz Driven Timers
- Programmable Wake-up from 0.5ms to 128
Minutes
• Week Timer
- System Power Present Input Pin
- Week Alarm Event only generated when
System Power is Available
- Power-up Event
- Week Alarm Interrupt with 1 Second to 8.5
Year Time-out
- Sub-Week Alarm Interrupt with 0.50 Seconds
- 72.67 hours time-out
- 1 Second and Sub-second Interrupts
• VBAT-Powered Control Interface (VCI)
- 2 Active-low VCI Inputs
- System Power Present Detection for gating
RTC wake events
- Optional filter
• Battery- powered General purpose Output
(BGPO)
Debug Features
• 2-pin Serial Wire Debug (SWD) interface
• 4-Pin JTAG interface for Boundary Scan
• Trace FIFO Debug Port (TFDP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com