Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 84 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 84 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 80Page - Microchip Technology CEC1712 Datasheet HTML 81Page - Microchip Technology CEC1712 Datasheet HTML 82Page - Microchip Technology CEC1712 Datasheet HTML 83Page - Microchip Technology CEC1712 Datasheet HTML 84Page - Microchip Technology CEC1712 Datasheet HTML 85Page - Microchip Technology CEC1712 Datasheet HTML 86Page - Microchip Technology CEC1712 Datasheet HTML 87Page - Microchip Technology CEC1712 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 338 page
background image
CEC1712
DS00003416C-page 84
 2020-2021 Microchip Technology Inc.
5.5
Block External Interfaces
FIGURE 5-1:
ARM M4 BASED EMBEDDED CONTROLLER I/O BLOCK DIAGRAM
ICode
Interface
(AHB-Lite)
DCode
Interface
(AHB-Lite)
System
Interface
(AHB-Lite)
NVIC
Nested
Vectored
Interrupt
Controller
TPIU
Trace Port Interface
ARM_M4 IP
Chip-Level
System Bus
(AMBA 2 AHB)
Processor
Core
Misc. Sideband
DAP
Debug Access Port
Mux
Chip-level JTAG TAP
ETM / ITM
Trace Outputs
Debug
Host
AMBA 2
AHB Adapt
Memory
Bus Adapt
Memory
Bus Adapt
PMC Block
(RAM / ROM)
Data
Port
Code
Port
AHB
Port
ARM_M4 EC Block
Interrupt
Aggregator
Grouped
(Summary)
Interrupts
Directly Vectored
Connections
Interrupts
Optionally
Grouped
Inputs
Unconditionally
Grouped Inputs
Processor
Clock
Divider
Chip-Level
Clock
Pulse
Sync &
Stretch
Clock
Gate
Processor Reset
Core Reset (POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com