Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 94 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 94 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 90Page - Microchip Technology CEC1712 Datasheet HTML 91Page - Microchip Technology CEC1712 Datasheet HTML 92Page - Microchip Technology CEC1712 Datasheet HTML 93Page - Microchip Technology CEC1712 Datasheet HTML 94Page - Microchip Technology CEC1712 Datasheet HTML 95Page - Microchip Technology CEC1712 Datasheet HTML 96Page - Microchip Technology CEC1712 Datasheet HTML 97Page - Microchip Technology CEC1712 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 338 page
background image
CEC1712
DS00003416C-page 94
 2020-2021 Microchip Technology Inc.
QMSPI Controller
10
Transmit
11
Receive
TABLE 7-3:
DMA CONTROLLER MASTER DEVICES SIGNAL LIST
Device Name
Dev
Num
Device Signal Name
Direction
Description
SMB-I2C 0 Controller
0
SMB-I2C_SD-
MA_Req
INPUT
DMA request control from SMB-I2C Slave
channel.
SMB-I2C_SD-
MA_Term
INPUT
DMA termination control from SMB-I2C
Slave channel.
SMB-I2C_SDMA_-
Done
OUTPUT
DMA termination control from DMA Con-
troller to Slave channel.
1
SMB-I2C_MD-
MA_Req
INPUT
DMA request control from SMB-I2C Mas-
ter channel.
SMB-I2C_MD-
MA_Term
INPUT
DMA termination control from SMB-I2C
Master channel.
SMB-I2C_MDMA_-
Done
OUTPUT
DMA termination control from DMA Con-
troller to Master channel.
SMB-I2C 1 Controller
2
SMB-I2C_SD-
MA_Req
INPUT
DMA request control from SMB-I2C Slave
channel.
SMB-I2C_SD-
MA_Term
INPUT
DMA termination control from SMB-I2C
Slave channel.
SMB-I2C_SDMA_-
Done
OUTPUT
DMA termination control from DMA Con-
troller to Slave channel.
3
SMB-I2C_MD-
MA_Req
INPUT
DMA request control from SMB-I2C Mas-
ter channel.
SMB-I2C_MD-
MA_Term
INPUT
DMA termination control from SMB-I2C
Master channel.
SMB-I2C_MDMA_-
Done
OUTPUT
DMA termination control from DMA Con-
troller to Master channel.
SMB-I2C 2 Controller
4
SMB-I2C_SD-
MA_Req
INPUT
DMA request control from SMB-I2C Slave
channel.
SMB-I2C_SD-
MA_Term
INPUT
DMA termination control from SMB-I2C
Slave channel.
SMB-I2C_SDMA_-
Done
OUTPUT
DMA termination control from DMA Con-
troller to Slave channel.
5
SMB-I2C_MD-
MA_Req
INPUT
DMA request control from SMB-I2C Mas-
ter channel.
SMB-I2C_MD-
MA_Term
INPUT
DMA termination control from SMB-I2C
Master channel.
SMB-I2C_MDMA_-
Done
OUTPUT
DMA termination control from DMA Con-
troller to Master channel.
TABLE 7-2:
DMA CONTROLLER DEVICE SELECTION (CONTINUED)
Device Name
Device Number
(Note 1)
Controller Source
Note 1: The Device Number is programmed into field HARDWARE_FLOW_CONTROL_DEVICE of the DMA
Channel N Control Register register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com