Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 81 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 81 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 77Page - Microchip Technology CEC1712 Datasheet HTML 78Page - Microchip Technology CEC1712 Datasheet HTML 79Page - Microchip Technology CEC1712 Datasheet HTML 80Page - Microchip Technology CEC1712 Datasheet HTML 81Page - Microchip Technology CEC1712 Datasheet HTML 82Page - Microchip Technology CEC1712 Datasheet HTML 83Page - Microchip Technology CEC1712 Datasheet HTML 84Page - Microchip Technology CEC1712 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 81
CEC1712
5.3
Terminology
5.3.1
ARM IP TERMS AND ACRONYMS
•AHB
Advanced High-Performance Bus, a system-level on-chip AMBA 2 bus standard. See Reference[5], ARM Lim-
ited: AMBA® Specification (Rev 2.0), IHI0011A, 13 May 1999.
•AHB-AP
AHB Access Port, the AP option selected by Microchip for the DAP
• AHB-Lite
A Single-Master subset of the AHB bus standard: defined in the AMBA 3 bus standard. See Reference[6], ARM
Limited: AMBA® 3 AHB-Lite Protocol Specification, IHI0033A, 6 June 2006.
•AMBA
The collective term for bus standards originated by ARM Limited.
AMBA 3 defines the IP’s AHB-Lite and ATB bus interfaces.
AMBA 2 (AMBA Rev. 2.0) defines the EC’s AHB bus interface.
•AP
Any of the ports on the DAP subblock for accessing on-chip resources on behalf of the Debugger, independent
of processor operations. A single AHB-AP option is currently selected for this function.
• APB
Advanced Peripheral Bus, a limited 32-bit-only bus defined in AMBA 2 for I/O register accesses. This term is
relevant only to describe the PPB bus internal to the EC core. See Reference [5], ARM Limited: AMBA® Speci-
fication (Rev 2.0), IHI0011A, 13 May 1999.
• ARMv7
The identifying name for the general architecture implemented by the Cortex-M family of IP products.
The ARMv7 architecture has no relationship to the older “ARM 7” product line, which is classified as an “ARMv3”
architecture, and is very different.
•ATB
Interface standard for Trace data to the TPIU from ETM and/or ITM blocks, Defined in AMBA 3. See Refer-
ence[7], ARM Limited: AMBA® 3 ATB Protocol Specification, IHI0032A, 19 June 2006.
• Cortex-M4
The ARM designation for the specific IP selected for this product: a Cortex M4 processor core
•DAP
Debug Access Port, a subblock consisting of DP and AP subblocks.
•DP
Any of the ports in the DAP subblock for connection to an off-chip Debugger. A single SWJ-DP option is currently
selected for this function, providing JTAG connectivity.
•DWT
Data Watchdog and Trace subblock. This contains comparators and counters used for data watchpoints and
Core activity tracing.
•ETM
Embedded Trace Macrocell subblock. Provides enhancements for Trace output reporting, mostly from the DWT
subblock. It adds enhanced instruction tracing, filtering, triggering and timestamping.
•FPB
FLASH Patch Breakpoint subblock. Provides either Remapping (Address substitution) or Breakpointing (Excep-
tion or Halt) for a set of Instruction addresses and Data addresses. See Section 8.3 of Reference [1], ARM Lim-
ited: Cortex®-M4 Technical Reference Manual, DDI0439C, 29 June 2010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com