Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 7 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 7 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 3Page - Microchip Technology CEC1712 Datasheet HTML 4Page - Microchip Technology CEC1712 Datasheet HTML 5Page - Microchip Technology CEC1712 Datasheet HTML 6Page - Microchip Technology CEC1712 Datasheet HTML 7Page - Microchip Technology CEC1712 Datasheet HTML 8Page - Microchip Technology CEC1712 Datasheet HTML 9Page - Microchip Technology CEC1712 Datasheet HTML 10Page - Microchip Technology CEC1712 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 7
CEC1712
Note 1: Please refer to Boot ROM document for below set of optional OTP selectable feature.
I2C/SMBus Ports
10
QMSPI Controller
1 Controller/2 ports
PWMs
6
Tachometers (TACHs)
2
GPIOs
68
Over voltage protected Pads
8
10/12- bit ADC Channels
5
UARTs
3
UART0: 2/4 pin configurable
UART1: 2 pin
UART2: 2 pin
Battery powered GPIO
1
VBAT powered Control Interface
inputs
2
2 Pin parallel XTAL Oscillator
Yes
Single ended external 32kHz clock
input (XTAL2)
Yes
JTAG
4-pin/2-pin
AES Hardware Support
128-256 bit
SHA Hashing Support
SHA-1 to SHA-512
Public Key Cryptography Support
RSA: 4K bit
ECC: 571 bit
True Random Number Generator
1K bit
Root of Trust
Yes
Secure Boot
Yes
Immutable Code
Yes
Customer OTP
288 bytes
Optional OTP Selectable Features (Note 1)
QA Testing
Yes
JTAG Disable
Yes
Authentication
Yes
Encrypt ECDH Private Key (Bytes 0-
31)
Yes
AES Encryption Mandatory
Yes
OTP Write Lock - [0] ECDH Private
Key
Yes
OTP Write Lock - [4] Authentication
Key - Public Qx
Yes
OTP Write Lock - [5] Authentication
Key - Public Qy
Yes
OTP Write Lock - [6] ECDH Public
Key 2, Public Rx
Yes
OTP Write Lock - [7] ECDH Public
Key 2, Public Ry
Yes
TAG0 SPI Flash Base Address
Yes
TABLE 1-1:
CEC1712 FEATURE LIST (CONTINUED)
Features
CEC1712 -84 WFBGA
Package
84 pin WFBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com