Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 6 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 6 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 2Page - Microchip Technology CEC1712 Datasheet HTML 3Page - Microchip Technology CEC1712 Datasheet HTML 4Page - Microchip Technology CEC1712 Datasheet HTML 5Page - Microchip Technology CEC1712 Datasheet HTML 6Page - Microchip Technology CEC1712 Datasheet HTML 7Page - Microchip Technology CEC1712 Datasheet HTML 8Page - Microchip Technology CEC1712 Datasheet HTML 9Page - Microchip Technology CEC1712 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 338 page
background image
CEC1712
DS00003416C-page 6
 2020-2021 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The CEC1712 device is a low power integrated embedded controller designed with strong cryptographic support. The
CEC1712 is a highly-configurable, mixed-signal, advanced I/O controller architecture. It contains a 32-bit ARM® Cortex-
M4 processor core with closely-coupled memory for optimal code execution and data access. An internal ROM, embed-
ded in the design, is used to store the power on/boot sequence and APIs available during run time. When VTR_CORE
is applied to the device, the secure boot loader API is used to download the custom firmware image from the system’s
shared SPI Flash device, thereby allowing system designers to customize the device’s behavior.
The CEC1712 device is directly powered by a minimum of two separate suspend supply planes (VBAT and VTR). The
CEC1712 has two banks of I/O pins that are able to operate at either 3.3 V or 1.8 V. Operating at 1.8V allows the
CEC1712 to interface with the latest platform controller hubs and will lower the overall power consumed by the device,
Whereas 3.3V allows this device to be integrated into legacy platforms that require 3.3V operation.
The CEC1712 secure boot loader authenticates and optionally decrypts the SPI Flash OEM boot image using the AES-
256, ECDSA P-384, SHA-384 cryptographic hardware accelerators. The CEC1712 hardware accelerators support 128-
bit and 256-bit AES encryption, ECDSA and EC_KCDSA signing algorithms, 1024-bits to 4096-bits RSA and Elliptic
asymmetric public key algorithms, and a True Random Number Generator (TRNG). Runtime APIs are provided in the
ROM for customer application code to use the cryptographic hardware. Additionally, the device offers lockable OTP stor-
age for private keys and IDs. Additional features supported include Key Revocation, Roll back protection and DICE.
CEC1712 offers a software development system interface that includes a Trace FIFO debug port and a 2-pin Serail wire
debug (SWD)/ JTAG interface.
1.1
Family Features
TABLE 1-1:
CEC1712 FEATURE LIST
Features
CEC1712 -84 WFBGA
Package
84 pin WFBGA
Device ID
0023_A2
Boundary Scan JTAG ID
0223_2445
CPU
32-bit ARM® Cortex-M4
SRAM
256 kB
Code/Data Options (Primary use)
224kB/32kB
Battery Backed SRAM
64 bytes
Trace FIFO Debug Port
Yes
Internal DMA Channels
12
32-bit Timer
2
16-bit Timer
2
Capture Timer Registers
6
ICT Channels
11
Compare Timer
Yes
Watchdog Timer (WDT)
1
Hibernation Timer
2
Week Timer
1
Sub Week Timer
1
RTC
1
RTOS Timer
1
Keyboard Matrix scan support
No
SMBus 2.0 Host Controllers
5
I2C Host Controllers
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com