Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 45 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 45 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 41Page - Microchip Technology CEC1712 Datasheet HTML 42Page - Microchip Technology CEC1712 Datasheet HTML 43Page - Microchip Technology CEC1712 Datasheet HTML 44Page - Microchip Technology CEC1712 Datasheet HTML 45Page - Microchip Technology CEC1712 Datasheet HTML 46Page - Microchip Technology CEC1712 Datasheet HTML 47Page - Microchip Technology CEC1712 Datasheet HTML 48Page - Microchip Technology CEC1712 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 45
CEC1712
DMA Channel
8
DMA Channel N Device Address
4000264C
DMA Channel
8
DMA Channel N Control Register
40002650
DMA Channel
8
DMA Channel N Interrupt Status Register
40002654
DMA Channel
8
DMA Channel N Interrupt Enable Register
40002658
DMA Channel
8
TEST
4000265C
DMA Channel
9
DMA Channel N Activate Register
40002680
DMA Channel
9
DMA Channel N Memory Start Address Register
40002684
DMA Channel
9
DMA Channel N Memory End Address Register
40002688
DMA Channel
9
DMA Channel N Device Address
4000268C
DMA Channel
9
DMA Channel N Control Register
40002690
DMA Channel
9
DMA Channel N Interrupt Status Register
40002694
DMA Channel
9
DMA Channel N Interrupt Enable Register
40002698
DMA Channel
9
TEST
4000269C
DMA Channel
10
DMA Channel N Activate Register
400026C0
DMA Channel
10
DMA Channel N Memory Start Address Register
400026C4
DMA Channel
10
DMA Channel N Memory End Address Register
400026C8
DMA Channel
10
DMA Channel N Device Address
400026CC
DMA Channel
10
DMA Channel N Control Register
400026D0
DMA Channel
10
DMA Channel N Interrupt Status Register
400026D4
DMA Channel
10
DMA Channel N Interrupt Enable Register
400026D8
DMA Channel
10
TEST
400026DC
DMA Channel
11
DMA Channel N Activate Register
40002700
DMA Channel
11
DMA Channel N Memory Start Address Register
40002704
DMA Channel
11
DMA Channel N Memory End Address Register
40002708
DMA Channel
11
DMA Channel N Device Address
4000270C
DMA Channel
11
DMA Channel N Control Register
40002710
DMA Channel
11
DMA Channel N Interrupt Status Register
40002714
DMA Channel
11
DMA Channel N Interrupt Enable Register
40002718
DMA Channel
11
TEST
4000271C
I2C-SMB
0
Control Register
40004000
I2C-SMB
0
Status Register
40004000
I2C-SMB
0
Own Address Register
40004004
I2C-SMB
0
Data Register
40004008
I2C-SMB
0
Master Command Register
4000400C
I2C-SMB
0
Slave Command Register
40004010
I2C-SMB
0
PEC Register
40004014
I2C-SMB
0
Repeated START Hold Time Register
40004018
I2C-SMB
0
Completion Register
40004020
I2C-SMB
0
Idle Scaling Register
40004024
I2C-SMB
0
Configuration Register
40004028
I2C-SMB
0
Bus Clock Register
4000402C
I2C-SMB
0
Block ID Register
40004030
I2C-SMB
0
Revision Register
40004034
I2C-SMB
0
Bit-Bang Control Register
40004038
TABLE 3-5:
REGISTER MAP
Block
Instance
Register
Host
Type
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com