Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 51 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 51 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 47Page - Microchip Technology CEC1712 Datasheet HTML 48Page - Microchip Technology CEC1712 Datasheet HTML 49Page - Microchip Technology CEC1712 Datasheet HTML 50Page - Microchip Technology CEC1712 Datasheet HTML 51Page - Microchip Technology CEC1712 Datasheet HTML 52Page - Microchip Technology CEC1712 Datasheet HTML 53Page - Microchip Technology CEC1712 Datasheet HTML 54Page - Microchip Technology CEC1712 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 51
CEC1712
QMSPI
0
QMSPI Description Buffer 0 Register
40070030
QMSPI
0
QMSPI Description Buffer 1 Register
40070034
QMSPI
0
QMSPI Description Buffer 2 Register
40070038
QMSPI
0
QMSPI Description Buffer 3 Register
4007003C
QMSPI
0
QMSPI Description Buffer 4 Register
40070040
QMSPI
0
QMSPI Description Buffer 5 Register
40070044
QMSPI
0
QMSPI Description Buffer 6 Register
40070048
QMSPI
0
QMSPI Description Buffer 7 Register
4007004C
QMSPI
0
QMSPI Description Buffer 8 Register
40070050
QMSPI
0
QMSPI Description Buffer 9 Register
40070054
QMSPI
0
QMSPI Description Buffer 10 Register
40070058
QMSPI
0
QMSPI Description Buffer 11 Register
4007005C
QMSPI
0
QMSPI Description Buffer 12 Register
40070060
QMSPI
0
QMSPI Description Buffer 13 Register
40070064
QMSPI
0
QMSPI Description Buffer 14 Register
40070068
QMSPI
0
QMSPI Description Buffer 15 Register
4007006C
16-bit PWM
0
PWMx Counter ON Time Register
40005800
16-bit PWM
0
PWMx Counter OFF Time Register
40005804
16-bit PWM
0
PWMx Configuration Register
40005808
16-bit PWM
0
TEST
4000580C
16-bit PWM
2
PWMx Counter ON Time Register
40005820
16-bit PWM
2
PWMx Counter OFF Time Register
40005824
16-bit PWM
2
PWMx Configuration Register
40005828
16-bit PWM
2
TEST
4000582C
16-bit PWM
3
PWMx Counter ON Time Register
40005830
16-bit PWM
3
PWMx Counter OFF Time Register
40005834
16-bit PWM
3
PWMx Configuration Register
40005838
16-bit PWM
3
TEST
4000583C
16-bit PWM
5
PWMx Counter ON Time Register
40005850
16-bit PWM
5
PWMx Counter OFF Time Register
40005854
16-bit PWM
5
PWMx Configuration Register
40005858
16-bit PWM
5
TEST
4000585C
16-bit PWM
6
PWMx Counter ON Time Register
40005860
16-bit PWM
6
PWMx Counter OFF Time Register
40005864
16-bit PWM
6
PWMx Configuration Register
40005868
16-bit PWM
6
TEST
4000586C
16-bit PWM
7
PWMx Counter ON Time Register
40005870
16-bit PWM
7
PWMx Counter OFF Time Register
40005874
16-bit PWM
7
PWMx Configuration Register
40005878
16-bit PWM
7
TEST
4000587C
16-bit Tach
0
TACHx Control Register
40006000
16-bit Tach
0
TACHx Status Register
40006004
16-bit Tach
0
TACHx High Limit Register
40006008
16-bit Tach
0
TACHx Low Limit Register
4000600C
TABLE 3-5:
REGISTER MAP
Block
Instance
Register
Host
Type
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com