Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 65 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 65 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 61Page - Microchip Technology CEC1712 Datasheet HTML 62Page - Microchip Technology CEC1712 Datasheet HTML 63Page - Microchip Technology CEC1712 Datasheet HTML 64Page - Microchip Technology CEC1712 Datasheet HTML 65Page - Microchip Technology CEC1712 Datasheet HTML 66Page - Microchip Technology CEC1712 Datasheet HTML 67Page - Microchip Technology CEC1712 Datasheet HTML 68Page - Microchip Technology CEC1712 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 65
CEC1712
4.0
POWER, CLOCKS, AND RESETS
4.1
Introduction
The Power, Clocks, and Resets (PCR) chapter identifies all the power supplies, clock sources, and reset inputs to the
chip and defines all the derived power, clock, and reset signals. In addition, this section identifies Power, Clock, and
Reset events that may be used to generate an interrupt event, as well as, the Chip Power Management Features.
4.2
References
No references have been cited for this chapter.
4.3
Interrupts
The Power, Clocks, and Resets logic generates no events
4.4
Power
TABLE 4-1:
POWER SOURCE DEFINITIONS
Power Well
Nominal
Voltage
Description
Source
VTR_REG
1.8V - 3.3V
This supply is used to derive the chip’s
core power.
Pin Interface
VTR_ANALOG
3.3V
3.3V Analog Power Supply.
VTR_PLL
3.3V
3.3V Power Supply for the 48MHz PLL.
This must be connected to the same
supply as VTR_ANALOG.
Pin Interface
VTR1
3.3V
3.3V System Power Supply.
This is typically connected to the
“Always-on” or “Suspend” supply rails
in system. This supply must be on prior
to the system RSMRST# signal being
deasserted
Pin Interface
VTR2
3.3V or 1.8V
3.3V or 1.8V System Power Supply.
This supply is used to power one bank
of I/O pins. See Note 1.
Pin Interface
VTR_CORE
1.2V
The main power well for internal logic
Internal regulator
VBAT
3.0V - 3.3V
System Battery Back-up Power Well.
This is the “coin-cell” battery.
GPIOs that share pins with VBAT sig-
nals are powered by this supply.
Pin Interface
VBAT
VSS
0V
Digital Ground
Pin Interface
Note 1: See Section 4.4.1, "I/O Rail Requirements" for connection requirements for VTRx.
2: The source for the Internal regulator is VTR_REG.
3: VTR refers to VTR_REG and VTR_ANALOG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com