Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 70 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 70 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 66Page - Microchip Technology CEC1712 Datasheet HTML 67Page - Microchip Technology CEC1712 Datasheet HTML 68Page - Microchip Technology CEC1712 Datasheet HTML 69Page - Microchip Technology CEC1712 Datasheet HTML 70Page - Microchip Technology CEC1712 Datasheet HTML 71Page - Microchip Technology CEC1712 Datasheet HTML 72Page - Microchip Technology CEC1712 Datasheet HTML 73Page - Microchip Technology CEC1712 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 338 page
background image
CEC1712
DS00003416C-page 70
 2020-2021 Microchip Technology Inc.
RESET_SYS
Internal Reset signal. This signal is used to reset
VTR_CORE powered registers.
RESET_SYS is the main global reset signal.
This reset signal will be asserted if:
• RESET_VTR is asserted
• The nRESET_IN pin asserted
•A WDT Event event is asserted
• A soft reset is asserted by the SOFT_SYS-
_RESET bit in the System Reset Register
• ARM M4 SYSRESETREQ
RESET_VCC
Performs a reset when Host power (VCC) is
turned off
This signal is asserted if
Note:
RESET_SYS is asserted
RESET_HOST
Performs a reset when VCC_PWRGD is low
This signal is asserted if
• RESET_SYS is asserted
• VCC_PWRGD is low
•The PWR_INV bit in the Power Reset Con-
trol Register is ‘1b’1
WDT Event
A WDT Event generates the RESET_SYS
event. This signal resets VTR_CORE powered
registers with the exception of the WDT Event
Count Register register. Note that the glitch pro-
tect circuits do not activate on a WDT reset.
WDT Event does not reset VBAT registers or
logic.
This reset signal will be asserted if:
•A WDT Event event is asserted
This event is indicated by the WDT bit in the
Power-Fail and Reset Status Register
RESET_SYS_n
WDT
Internal Reset signal. This signal is used to reset
VTR_CORE powered registers not effected by a
WDT Event
A RESET_SYS_nWDT is used to reset registers
that need to be preserved through a WDT Event
like a WDT Event Count Register.
This reset signal will be asserted if:
• RESET_VTR is asserted
• The nRESET_IN pin asserted
RESET_EC
Internal reset signal to reset the processor in the
EC Subsystem.
This reset is a stretched version of
RESET_SYS. This reset asserts at the same
time that RESET_SYS asserts and is held
asserted for 1ms after RESET_SYS deasserts.
RESET_BLOCK
_N
Each IP block in the device may be configured to
be reset by setting the RESET_ENABLE regis-
ter.
This reset signal will be asserted if Block N
RESET_ENABLE is set to 1 and Peripheral
Reset Enable n Register is unlocked.
TABLE 4-6:
DEFINITION OF RESET SIGNALS (CONTINUED)
Reset
Description
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com