Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 67 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 67 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 63Page - Microchip Technology CEC1712 Datasheet HTML 64Page - Microchip Technology CEC1712 Datasheet HTML 65Page - Microchip Technology CEC1712 Datasheet HTML 66Page - Microchip Technology CEC1712 Datasheet HTML 67Page - Microchip Technology CEC1712 Datasheet HTML 68Page - Microchip Technology CEC1712 Datasheet HTML 69Page - Microchip Technology CEC1712 Datasheet HTML 70Page - Microchip Technology CEC1712 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 67
CEC1712
4.4.4
SYSTEM POWER SEQUENCING
The following table defines the behavior of the main power rails in each of the defined ACPI power states.
4.5
Clocks
The following section defines the clocks that are generated and derived.
4.5.1
RAW CLOCK SOURCES
The table defines raw clocks .
TABLE 4-3:
TYPICAL POWER SUPPLIES VS. ACPI POWER STATES
Supply
Name
ACPI Power State
Description
S0
(FULL
ON)
S1
(POS)
S3
(STR)
S4
(STD)
S5
(Soft Off)
G3
(MECH Off)
VTR1
ON
ON
ON
ON
ON
OFF
“Always-on” Supply
VTR2
ON
ON
ON
ON
ON
OFF
3.3V/1.8V Power Supply
for Bank 2
VBAT
ON
ON
ON
ON
Note
ON
Note
ON
Note
Battery Back-up Supply
Note:
This device requires that the VBAT power is on when the VTR(Note 3) power supply is on. External circuitry,
a diode isolation circuit, is implemented on the motherboard to extend the battery life. This external circuitry
ensures the VBAT pin will derive power from the VTR power well when it is on. Therefore, the VBAT supply
will never appear to be off when the VTR rail is on.
TABLE 4-4:
SOURCE CLOCK DEFINITIONS
Clock Name
Frequency
Description
Source
32KHZ_IN
32.768 kHz
(nominal)
Single-ended external clock input pin 32KHZ_IN pin
32.768 kHz Crystal
Oscillator
32.768 kHz
A 32.768 kHz parallel resonant crystal
connected between the XTAL1 and
XTAL2 pins. The accuracy of the
clock depends on the accuracy of the
crystal and the characteristics of the
analog components used as part of
the oscillator
The crystal oscillator source can
bypass the crystal with a single-
ended clock input. This option is con-
figured with the Clock Enable Regis-
ter.
Pin Interface (XTAL1 and XTAL2)
When used singled-ended, input pin
is XTAL2
32.768 kHz Silicon
Oscillator
32.768 kHz
32.768 kHz low power Internal Oscil-
lator. The frequency is 32.768KHz
±2%.
Internal Oscillator powered by VBAT.
32 MHz Ring
Oscillator
32MHz
The 32MHz Ring Oscillator is used to
supply a clock for the 48MHz main
clock domain while the 48MHz PLL is
not locked. Its frequency can range
from 32Mhz to 96MHz. This clock is
passed though a divide by 2 circuit to
generate clock in the range 16MHz to
48MHz
Powered by VTR_CORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com