Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 88 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 88 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 84Page - Microchip Technology CEC1712 Datasheet HTML 85Page - Microchip Technology CEC1712 Datasheet HTML 86Page - Microchip Technology CEC1712 Datasheet HTML 87Page - Microchip Technology CEC1712 Datasheet HTML 88Page - Microchip Technology CEC1712 Datasheet HTML 89Page - Microchip Technology CEC1712 Datasheet HTML 90Page - Microchip Technology CEC1712 Datasheet HTML 91Page - Microchip Technology CEC1712 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 338 page
background image
CEC1712
DS00003416C-page 88
 2020-2021 Microchip Technology Inc.
5.10.1
DEBUG AND ACCESS PORTS (SWJ-DP AND AHB-AP SUBBLOCKS)
These two subblocks work together to provide access to the chip for the Debugger using the Debug JTAG connection,
as described in Chapter 4 of the ARM Limited: ARM® Debug Interface v5 Architecture Specification, IHI0031A, 8 Feb-
ruary 2006.
5.10.2
BREAKPOINT, WATCHPOINT AND TRACE SUPPORT
See References [11], ARM Limited: ARM® Debug Interface v5 Architecture Specification, IHI0031A, 8 February 2006
and [12], ARM Limited: ARM® Debug Interface v5 Architecture Specification ADIv5.1 Supplement, DSA09-PRDC-
008772, 17 August 2009. A summary of functionality follows.
Breakpoint and Watchpoint facilities can be programmed to do one of the following:
• Halt the processor. This means that the external Debugger will detect the event by periodically polling the state of
the EC.
• Transfer control to an internal Debug Monitor firmware routine, by triggering the Debug Monitor exception (see
Table 5-4, "Exception and Interrupt Vector Table Layout").
5.10.2.1
Instrumentation Support (ITM Subblock)
The Instrumentation Trace Macrocell (ITM) is for profiling software. This uses non-blocking register accesses, with a
fixed low-intrusion overhead, and can be added to a Real-Time Operating System (RTOS), application, or exception
handler. If necessary, product code can retain the register access instructions, avoiding probe effects.
5.10.2.2
HW Breakpoints and ROM Patching (FPB Subblock)
The Flash Patch and Breakpoint (FPB) block. This block can remap sections of ROM, typically Flash memory, to regions
of RAM, and can set breakpoints on code in ROM. This block can be used for debug, and to provide a code or data
patch to an application that requires field updates to a product in ROM.
5.10.2.3
Data Watchpoints and Trace (DWT Subblock)
The Debug Watchpoint and Trace (DWT) block provides watchpoint support, program counter sampling for performance
monitoring, and embedded trace trigger control.
5.10.2.4
Trace Interface (ETM and TPIU)
The Embedded Trace Macrocell (ETM) provides instruction tracing capability. For details of functionality and usage, see
References [13], ARM Limited: Embedded Trace Macrocell™ (ETMv1.0 to ETMv3.5) Architecture Specification,
IHI0014Q, 23 September 2011 and [14], ARM Limited: CoreSight™ ETM™-M4 Technical Reference Manual,
DDI0440C, 29 June 2010.
The Trace Port Interface Unit (TPIU) provides the external interface for the ITM, DWT and ETM.
TABLE 5-5:
ARM JTAG ID
ARM Debug Mode
JTAG ID
SW-DP (2-wire)
0x2BA01477
JTAG (4-wire)
0x4BA00477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com