Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 100 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 100 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 96Page - Microchip Technology CEC1712 Datasheet HTML 97Page - Microchip Technology CEC1712 Datasheet HTML 98Page - Microchip Technology CEC1712 Datasheet HTML 99Page - Microchip Technology CEC1712 Datasheet HTML 100Page - Microchip Technology CEC1712 Datasheet HTML 101Page - Microchip Technology CEC1712 Datasheet HTML 102Page - Microchip Technology CEC1712 Datasheet HTML 103Page - Microchip Technology CEC1712 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 338 page
background image
CEC1712
DS00003416C-page 100
 2020-2021 Microchip Technology Inc.
7.12.3
DMA CHANNEL N ACTIVATE REGISTER
18h
DMA Channel N Interrupt Enable Register
1Ch
TEST
20h
(Note 2)
DMA Channel N CRC Enable Register
24h
(Note 2)
DMA Channel N CRC Data Register
28h
(Note 2)
DMA Channel N CRC Post Status Register
2Ch
(Note 2)
TEST
20h
(Note 3)
DMA Channel N Fill Enable Register
24h
(Note 3)
DMA Channel N Fill Data Register
28h
(Note 3)
DMA Channel N Fill Status Register
2Ch
(Note 3)
TEST
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:1 Reserved
RES
-
-
0 CHANNEL_ACTIVATE
Enable this channel for operation.
The DMA Main Control:Activate must also be enabled for this chan-
nel to be operational.
R/W
0h
RESET
TABLE 7-10:
CHANNEL REGISTER SUMMARY (CONTINUED)
Offset
Register Name
(Note 1)
Note 1: The letter ‘N’ following DMA Channel indicates the Channel Number. Each Channel
implemented will have these registers to determine that channel’s operation.
2: These registers are only present on DMA Channel 0. They are reserved on all other
channels.
3: These registers are only present on DMA Channel 1. They are reserved on all other
channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com