Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 103 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 103 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 99Page - Microchip Technology CEC1712 Datasheet HTML 100Page - Microchip Technology CEC1712 Datasheet HTML 101Page - Microchip Technology CEC1712 Datasheet HTML 102Page - Microchip Technology CEC1712 Datasheet HTML 103Page - Microchip Technology CEC1712 Datasheet HTML 104Page - Microchip Technology CEC1712 Datasheet HTML 105Page - Microchip Technology CEC1712 Datasheet HTML 106Page - Microchip Technology CEC1712 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 103
CEC1712
15:9 HARDWARE_FLOW_CONTROL_DEVICE
This is the device that is connected to this channel as its Hardware
Flow Control master.
The Flow Control Interface is a bus with each master concatenated
onto it. This selects which bus index of the concatenated Flow Con-
trol Interface bus is targeted towards this channel.
R/W
0h
RESET
8 TRANSFER_DIRECTION
This determines the direction of the DMA Transfer.
1=Data Packet Read from MEMORY_START_ADDRESS followed
by Data Packet Write to DEVICE_ADDRESS
0=Data Packet Read from DEVICE_ADDRESS followed by Data
Packet Write to MEMORY_START_ADDRESS
R/W
0h
RESET
7:6 Reserved
RES
-
-
5BUSY
This is a status signal.
1=The DMA Channel is busy (FSM is not IDLE)
0=The DMA Channel is not busy (FSM is IDLE)
R0h
RESET
4:3 TEST
R
0h
RESET
2DONE
This is a status signal. It is only valid while RUN is Enabled. This is
the inverse of the DMA Channel Control:Busy field, except this is
qualified with the DMA Channel Control:Run field.
1=Channel is done
0=Channel is not done or it is OFF
R0h
RESET
1REQUEST
This is a status field.
1=There is a transfer request from the Master Device
0=There is no transfer request from the Master Device
R0h
RESET
0 RUN
This is a control field. It only applies to Hardware Flow Control
mode.
1=This channel is enabled and will service transfer requests
0=This channel is disabled. All transfer requests are ignored
R/W
0h
RESET
Offset
10h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com