Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 48 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 48 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 44Page - Microchip Technology CEC1712 Datasheet HTML 45Page - Microchip Technology CEC1712 Datasheet HTML 46Page - Microchip Technology CEC1712 Datasheet HTML 47Page - Microchip Technology CEC1712 Datasheet HTML 48Page - Microchip Technology CEC1712 Datasheet HTML 49Page - Microchip Technology CEC1712 Datasheet HTML 50Page - Microchip Technology CEC1712 Datasheet HTML 51Page - Microchip Technology CEC1712 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 338 page
background image
CEC1712
DS00003416C-page 48
 2020-2021 Microchip Technology Inc.
I2C-SMB
3
Configuration Register
40004C28
I2C-SMB
3
Bus Clock Register
40004C2C
I2C-SMB
3
Block ID Register
40004C30
I2C-SMB
3
Revision Register
40004C34
I2C-SMB
3
Bit-Bang Control Register
40004C38
I2C-SMB
3
TEST
40004C3C
I2C-SMB
3
Data Timing Register
40004C40
I2C-SMB
3
Time-Out Scaling Register
40004C44
I2C-SMB
3
Slave Transmit Buffer Register
40004C48
I2C-SMB
3
Slave Receive Buffer Register
40004C4C
I2C-SMB
3
Master Transmit Buffer Register
40004C50
I2C-SMB
3
Master Receive Buffer Register
40004C54
I2C-SMB
3
TEST
40004C58
I2C-SMB
3
TEST
40004C5C
I2C-SMB
3
Wake Status Register
40004C60
I2C-SMB
3
Wake Enable Register
40004C64
I2C-SMB
3
TEST
40004C68
I2C-SMB
3
Slave address
40004C6C
I2C-SMB
3
Promiscuous Interrupt
40004C70
I2C-SMB
3
Promiscuous Interrupt Enable
40004C74
I2C-SMB
3
Promiscuous Control
40004C78
I2C-SMB
4
Control Register
40005000
I2C-SMB
4
Status Register
40005000
I2C-SMB
4
Own Address Register
40005004
I2C-SMB
4
Data Register
40005008
I2C-SMB
4
Master Command Register
4000500C
I2C-SMB
4
Slave Command Register
40005010
I2C-SMB
4
PEC Register
40005014
I2C-SMB
4
Repeated START Hold Time Register
40005018
I2C-SMB
4
Completion Register
40005020
I2C-SMB
4
Idle Scaling Register
40005024
I2C-SMB
4
Configuration Register
40005028
I2C-SMB
4
Bus Clock Register
4000502C
I2C-SMB
4
Block ID Register
40005030
I2C-SMB
4
Revision Register
40005034
I2C-SMB
4
Bit-Bang Control Register
40005038
I2C-SMB
4
TEST
4000503C
I2C-SMB
4
Data Timing Register
40005040
I2C-SMB
4
Time-Out Scaling Register
40005044
I2C-SMB
4
Slave Transmit Buffer Register
40005048
I2C-SMB
4
Slave Receive Buffer Register
4000504C
I2C-SMB
4
Master Transmit Buffer Register
40005050
I2C-SMB
4
Master Receive Buffer Register
40005054
I2C-SMB
4
TEST
40005058
TABLE 3-5:
REGISTER MAP
Block
Instance
Register
Host
Type
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com