Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 43 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 43 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 39Page - Microchip Technology CEC1712 Datasheet HTML 40Page - Microchip Technology CEC1712 Datasheet HTML 41Page - Microchip Technology CEC1712 Datasheet HTML 42Page - Microchip Technology CEC1712 Datasheet HTML 43Page - Microchip Technology CEC1712 Datasheet HTML 44Page - Microchip Technology CEC1712 Datasheet HTML 45Page - Microchip Technology CEC1712 Datasheet HTML 46Page - Microchip Technology CEC1712 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 43
CEC1712
Capture Compare Timer
0
Free Running Timer Register
4000100C
Capture Compare Timer
0
Capture 0 Register
40001010
Capture Compare Timer
0
Capture 1 Register
40001014
Capture Compare Timer
0
Capture 2 Register
40001018
Capture Compare Timer
0
Capture 3 Register
4000101C
Capture Compare Timer
0
Capture 4 Register
40001020
Capture Compare Timer
0
Capture 5 Register
40001024
Capture Compare Timer
0
Compare 0 Register
40001028
Capture Compare Timer
0
Compare 1 Register
4000102C
Capture Compare Timer
0
ICT Mux Select Register
40001030
DMA Controller
0
DMA Main Control Register
40002400
DMA Controller
0
DMA Data Packet Register
40002404
DMA Controller
0
TEST
40002408
DMA Channel
0
DMA Channel N Activate Register
40002440
DMA Channel
0
DMA Channel N Memory Start Address Register
40002444
DMA Channel
0
DMA Channel N Memory End Address Register
40002448
DMA Channel
0
DMA Channel N Device Address
4000244C
DMA Channel
0
DMA Channel N Control Register
40002450
DMA Channel
0
DMA Channel N Interrupt Status Register
40002454
DMA Channel
0
DMA Channel N Interrupt Enable Register
40002458
DMA Channel
0
TEST
4000245C
DMA Channel
0
Channel N CRC Enable Register
40002460
DMA Channel
0
Channel N CRC Data Register
40002464
DMA Channel
0
Channel N CRC Post Status Register
40002468
DMA Channel
0
TEST
4000246C
DMA Channel
1
DMA Channel N Activate Register
40002480
DMA Channel
1
DMA Channel N Memory Start Address Register
40002484
DMA Channel
1
DMA Channel N Memory End Address Register
40002488
DMA Channel
1
DMA Channel N Device Address
4000248C
DMA Channel
1
DMA Channel N Control Register
40002490
DMA Channel
1
DMA Channel N Interrupt Status Register
40002494
DMA Channel
1
DMA Channel N Interrupt Enable Register
40002498
DMA Channel
1
TEST
4000249C
DMA Channel
1
Channel N Fill Enable Register
400024A0
DMA Channel
1
Channel N Fill Data Register
400024A4
DMA Channel
1
Channel N Fill Status Register
400024A8
DMA Channel
1
TEST
400024AC
DMA Channel
2
DMA Channel N Activate Register
400024C0
DMA Channel
2
DMA Channel N Memory Start Address Register
400024C4
DMA Channel
2
DMA Channel N Memory End Address Register
400024C8
DMA Channel
2
DMA Channel N Device Address
400024CC
DMA Channel
2
DMA Channel N Control Register
400024D0
DMA Channel
2
DMA Channel N Interrupt Status Register
400024D4
DMA Channel
2
DMA Channel N Interrupt Enable Register
400024D8
TABLE 3-5:
REGISTER MAP
Block
Instance
Register
Host
Type
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com