Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 52 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 52 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 48Page - Microchip Technology CEC1712 Datasheet HTML 49Page - Microchip Technology CEC1712 Datasheet HTML 50Page - Microchip Technology CEC1712 Datasheet HTML 51Page - Microchip Technology CEC1712 Datasheet HTML 52Page - Microchip Technology CEC1712 Datasheet HTML 53Page - Microchip Technology CEC1712 Datasheet HTML 54Page - Microchip Technology CEC1712 Datasheet HTML 55Page - Microchip Technology CEC1712 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 338 page
background image
CEC1712
DS00003416C-page 52
 2020-2021 Microchip Technology Inc.
16-bit Tach
1
TACHx Control Register
40006010
16-bit Tach
1
TACHx Status Register
40006014
16-bit Tach
1
TACHx High Limit Register
40006018
16-bit Tach
1
TACHx Low Limit Register
4000601C
RTOS Timer
0
RTOS Timer Count Register
40007400
RTOS Timer
0
RTOS Timer Preload Register
40007404
RTOS Timer
0
RTOS Timer Control Register
40007408
RTOS Timer
0
Soft Interrupt Register
4000740C
ADC
0
ADC Control Register
40007C00
ADC
0
ADC Delay Register
40007C04
ADC
0
ADC Status Register
40007C08
ADC
0
ADC Single Register
40007C0C
ADC
0
ADC Repeat Register
40007C10
ADC
0
ADC Channel 0 Reading Register
40007C14
ADC
0
ADC Channel 1 Reading Register
40007C18
ADC
0
ADC Channel 2 Reading Register
40007C1C
ADC
0
ADC Channel 3 Reading Register
40007C20
ADC
0
ADC Channel 4 Reading Register
40007C24
ADC
0
ADC Channel 5 Reading Register
40007C28
ADC
0
ADC Channel 6 Reading Register
40007C2C
ADC
0
ADC Channel 7 Reading Register
40007C30
ADC
0
ADC Channel 8 Reading Register
40007C34
ADC
0
ADC Channel 9 Reading Register
40007C38
ADC
0
ADC Channel 10 Reading Register
40007C3C
ADC
0
ADC Channel 11 Reading Register
40007C40
ADC
0
ADC Configuration Register
40007C7C
ADC
0
VREF Channel Register
40007C80
ADC
0
VREF Control Register
40007C84
ADC
0
SAR ADC Control Register
40007C88
ADC
0
SAR ADC Config Register
40007C8C
TFDP
0
Debug Data Register
40008C00
TFDP
0
Debug Control Register
40008C04
Hibernation Timer
0
HTimer Preload Register
40009800
Hibernation Timer
0
HTimer Control Register
40009804
Hibernation Timer
0
HTimer Count Register
40009808
Hibernation Timer
1
HTimer Preload Register
40009820
Hibernation Timer
1
HTimer Control Register
40009824
Hibernation Timer
1
HTimer Count Register
40009828
VBAT Register Bank
0
Power-Fail and Reset Status Register
4000A400
VBAT Register Bank
0
TEST
4000A404
VBAT Register Bank
0
Clock Enable Register
4000A408
VBAT Register Bank
0
TEST
4000A40C
VBAT Register Bank
0
TEST
4000A410
VBAT Register Bank
0
TEST
4000A414
TABLE 3-5:
REGISTER MAP
Block
Instance
Register
Host
Type
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com