Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 42 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 42 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 38Page - Microchip Technology CEC1712 Datasheet HTML 39Page - Microchip Technology CEC1712 Datasheet HTML 40Page - Microchip Technology CEC1712 Datasheet HTML 41Page - Microchip Technology CEC1712 Datasheet HTML 42Page - Microchip Technology CEC1712 Datasheet HTML 43Page - Microchip Technology CEC1712 Datasheet HTML 44Page - Microchip Technology CEC1712 Datasheet HTML 45Page - Microchip Technology CEC1712 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 338 page
background image
CEC1712
DS00003416C-page 42
 2020-2021 Microchip Technology Inc.
3.5
GPIO Register Assignments
All GPIOs except the below come up in default GPIO Input/output/interrupt disabled state. Pin control register defaults
to
0x00008040.
TABLE 3-4:
GPIO PIN CONTROL DEFAULT VALUES
3.6
Register Map
GPIO
Pin control register value
Default function
GPIO000
0x00001040
VCI_IN
GPIO163
0x00001040
VCI_IN
GPIO170
0x00000041
JTAG_STRAP BS (input, pull up)
GPIO250
0x00001240
VCI_OUT
TABLE 3-5:
REGISTER MAP
Block
Instance
Register
Host
Type
Register
Address
Watchdog Timer
0
WDT Load Register
40000400
Watchdog Timer
0
WDT Control Register
40000404
Watchdog Timer
0
WDT Kick Register
40000408
Watchdog Timer
0
WDT Count Register
4000040C
Watchdog Timer
0
WDT Status Register
40000410
Watchdog Timer
0
WDT Interrupt Enable Register
40000414
16-bit Basic Timer
0
Timer Count Register
40000C00
16-bit Basic Timer
0
Timer Preload Register
40000C04
16-bit Basic Timer
0
Timer Status Register
40000C08
16-bit Basic Timer
0
Timer Int Enable Register
40000C0C
16-bit Basic Timer
0
Timer Control Register
40000C10
16-bit Basic Timer
1
Timer Count Register
40000C20
16-bit Basic Timer
1
Timer Preload Register
40000C24
16-bit Basic Timer
1
Timer Status Register
40000C28
16-bit Basic Timer
1
Timer Int Enable Register
40000C2C
16-bit Basic Timer
1
Timer Control Register
40000C30
32-bit Basic Timer
0
Timer Count Register
40000C80
32-bit Basic Timer
0
Timer Preload Register
40000C84
32-bit Basic Timer
0
Timer Status Register
40000C88
32-bit Basic Timer
0
Timer Int Enable Register
40000C8C
32-bit Basic Timer
0
Timer Control Register
40000C90
32-bit Basic Timer
1
Timer Count Register
40000CA0
32-bit Basic Timer
1
Timer Preload Register
40000CA4
32-bit Basic Timer
1
Timer Status Register
40000CA8
32-bit Basic Timer
1
Timer Int Enable Register
40000CAC
32-bit Basic Timer
1
Timer Control Register
40000CB0
Capture Compare Timer
0
Capture and Compare Timer Control Register
40001000
Capture Compare Timer
0
Capture Control 0 Register
40001004
Capture Compare Timer
0
Capture Control 1 Register
40001008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com