Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 93 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 93 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 89Page - Microchip Technology CEC1712 Datasheet HTML 90Page - Microchip Technology CEC1712 Datasheet HTML 91Page - Microchip Technology CEC1712 Datasheet HTML 92Page - Microchip Technology CEC1712 Datasheet HTML 93Page - Microchip Technology CEC1712 Datasheet HTML 94Page - Microchip Technology CEC1712 Datasheet HTML 95Page - Microchip Technology CEC1712 Datasheet HTML 96Page - Microchip Technology CEC1712 Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 93
CEC1712
7.4
Interface
This block is designed to be accessed internally via a registered host interface.
7.5
Signal interface
This block doesn’t have any external signals that may be routed to the pin interface. This DMA Controller is intended to
be used internally to transfer large amounts of data without the embedded controller being actively involved in the trans-
fer.
7.6
Host Interface
The registers defined for the Internal DMA Controller are accessible by the various hosts as indicated in Section 3.2,
"Block Overview and Base Addresses".
7.7
DMA Interface
Each DMA Master Device that may engage in a DMA transfer must have a compliant DMA interface. The following table
lists the DMA Devices in the CEC1712.
FIGURE 7-1:
INTERNAL DMA CONTROLLER I/O DIAGRAM
TABLE 7-2:
DMA CONTROLLER DEVICE SELECTION
Device Name
Device Number
(Note 1)
Controller Source
SMB-I2C 0 Controller
0
Slave
1Master
SMB-I2C 1 Controller
2
Slave
3Master
SMB-I2C 2 Controller
4
Slave
5Master
SMB-I2C 3 Controller
6
Slave
7Master
SMB-I2C 4Controller
8
Transmit
9Receive
Note 1: The Device Number is programmed into field HARDWARE_FLOW_CONTROL_DEVICE of the DMA
Channel N Control Register register.
Internal DMA Controller
Power, Clocks and Reset
Interrupts
DMA Interface
Host Interface
Signal interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com