Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 50 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 50 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 46Page - Microchip Technology CEC1712 Datasheet HTML 47Page - Microchip Technology CEC1712 Datasheet HTML 48Page - Microchip Technology CEC1712 Datasheet HTML 49Page - Microchip Technology CEC1712 Datasheet HTML 50Page - Microchip Technology CEC1712 Datasheet HTML 51Page - Microchip Technology CEC1712 Datasheet HTML 52Page - Microchip Technology CEC1712 Datasheet HTML 53Page - Microchip Technology CEC1712 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 338 page
background image
CEC1712
DS00003416C-page 50
 2020-2021 Microchip Technology Inc.
I2C
1
Time-Out Scaling Register
40005244
I2C
1
TEST
40005258
I2C
1
TEST
4000525C
I2C
1
Wake Status Register
40005260
I2C
1
Wake Enable Register
40005264
I2C
1
TEST
40005268
I2C
1
Slave address
4000526C
I2C
1
Promiscuous Interrupt
40005270
I2C
1
Promiscuous Interrupt Enable
40005274
I2C
1
Promiscuous Control
40005278
I2C
2
Control Register
40005300
I2C
2
Status Register
40005300
I2C
2
Own Address Register
40005304
I2C
2
Data Register
40005308
I2C
2
Repeated START Hold Time Register
40005318
I2C
2
Completion Register
40005320
I2C
2
Configuration Register
40005328
I2C
2
Bus Clock Register
4000532C
I2C
2
Block ID Register
40005330
I2C
2
Revision Register
40005334
I2C
2
Bit-Bang Control Register
40005338
I2C
2
TEST
4000533C
I2C
2
Data Timing Register
40005340
I2C
2
Time-Out Scaling Register
40005344
I2C
2
TEST
40005358
I2C
2
TEST
4000535C
I2C
2
Wake Status Register
40005360
I2C
2
Wake Enable Register
40005364
I2C
2
TEST
40005368
I2C
2
Slave address
4000536C
I2C
2
Promiscuous Interrupt
40005370
I2C
2
Promiscuous Interrupt Enable
40005374
I2C
2
Promiscuous Control
40005378
QMSPI
0
QMSPI Mode Register
40070000
QMSPI
0
QMSPI Control Register
40070004
QMSPI
0
QMSPI Execute Register
40070008
QMSPI
0
QMSPI Interface Control Register
4007000C
QMSPI
0
QMSPI Status Register
40070010
QMSPI
0
QMSPI Buffer Count Status Register
40070014
QMSPI
0
QMSPI Interrupt Enable Register
40070018
QMSPI
0
QMSPI Buffer Count Trigger Register
4007001C
QMSPI
0
QMSPI Transmit Buffer Register
40070020
QMSPI
0
QMSPI Receive Buffer Register
40070024
QMSPI
0
QMSPI Chip Select Timing Register
40070028
TABLE 3-5:
REGISTER MAP
Block
Instance
Register
Host
Type
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com