Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 30Page - Renesas Technology Corp M37151 Datasheet HTML 31Page - Renesas Technology Corp M37151 Datasheet HTML 32Page - Renesas Technology Corp M37151 Datasheet HTML 33Page - Renesas Technology Corp M37151 Datasheet HTML 34Page - Renesas Technology Corp M37151 Datasheet HTML 35Page - Renesas Technology Corp M37151 Datasheet HTML 36Page - Renesas Technology Corp M37151 Datasheet HTML 37Page - Renesas Technology Corp M37151 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
33
Rev. 1.0
8.6.4 I2C Control Register
The I2C control register (address 00F916) controls the data commu-
nication format.
(1) Bits 0 to 2: bit counter (BC0–BC2)
These bits decide the number of bits for the next 1-byte data to be
transmitted. An interrupt request signal occurs immediately after the
number of bits specified with these bits are transmitted.
When a START condition is received, these bits become “0002” and
the address data is always transmitted and received in 8 bits.
(2) Bit 3: I2C interface use enable bit (ESO)
This bit enables usage of the multimaster I2C BUS interface. When
this bit is set to “0,” interface is in the disable status, so the SDA and
the SCL become high-impedance. When the bit is set to “1,” use of
the interface is enabled.
When ESO = “0,” the following is performed.
• PIN = “1,” BB = “0” and AL = “0” are set (they are bits of the I2C
status register at address 00F816 ).
• Writing data to the I2C data shift register (address 00F616) is dis-
abled.
(3) Bit 4: data format selection bit (ALS)
This bit decides whether or not to recognize slave addresses. When
this bit is set to “0,” the addressing format is selected, so that ad-
dress data is recognized. When a match is found between a slave
address and address data as a result of comparison or when a gen-
eral call (refer to “8.6.5 I2C Status Register,” bit 1) is received, trans-
mission processing can be performed. When this bit is set to “1,” the
free data format is selected, so that slave addresses are not recog-
nized.
(4) Bit 5: addressing format selection bit (10BIT SAD)
This bit selects a slave address specification format. When this bit is
set to “0,” the 7-bit addressing format is selected. In this case, only
the high-order 7 bits (slave address) of the I2C address register (ad-
dress 00F716) are compared with address data. When this bit is set
to “1,” the 10-bit addressing format is selected and all the bits of the
I2C address register are compared with the address data.
(5) Bits 6 and 7: connection control bits between
I2C-BUS interface and ports
(BSEL0, BSEL1)
These bits control the connection between SCL and ports or SDA
and ports (refer to Figure 8.6.5).
Note: To connect with SCL3 and SDA3, set bits 2 and 3 of the port P3 register
(00C616) .
Fig. 8.6.5 Connection Port Control by BSEL0 and BSEL1
BSEL0
BSEL1
BSEL0
SCL1/P11
SCL2/P12
SDA1/P13
SDA2/P14
BSEL1
SCL
SDA
“1”
“0”
“1”
SCL3/P31
SDA3/P30
BSEL20
BSEL20
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
BSEL21
BSEL21
“0”
Multi-master
I2C-BUS
interface
Notes • The paths SCL1, SCL2, SDA1, and SDA2, as well as the paths
SCL3 and SDA3 cannot be connected at the same time.
• Port P3 Register (address 00C616) bit 3 is used to control the pin
connections of SCL3/P31 and SCL1/P11 and those of SDA3/P30 and SDA1/P13.
• Set the corresponding direction register to "1" to use the port as
multi-master I
2C-BUS interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com