Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 34Page - Renesas Technology Corp M37151 Datasheet HTML 35Page - Renesas Technology Corp M37151 Datasheet HTML 36Page - Renesas Technology Corp M37151 Datasheet HTML 37Page - Renesas Technology Corp M37151 Datasheet HTML 38Page - Renesas Technology Corp M37151 Datasheet HTML 39Page - Renesas Technology Corp M37151 Datasheet HTML 40Page - Renesas Technology Corp M37151 Datasheet HTML 41Page - Renesas Technology Corp M37151 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
37
Rev. 1.0
8.6.6 START Condition Generation Method
When the ESO bit of the I2C control register (address 00F916) is “1,”
execute a write instruction to the I2C status register (address 00F816)
to set the MST, TRX and BB bits to “1.” A START condition will then
be generated. After that, the bit counter becomes “0002” and an SCL
is output for 1 byte. The START condition generation timing and BB
bit set timing are different in the standard clock mode and the high-
speed clock mode. Refer to Figure 8.6.10 for the START condition
generation timing diagram, and Table 8.6.2 for the START condition/
STOP condition generation timing table.
Fig. 8.6.10 START Condition Generation Timing Diagram
I2C status register
write signal
Hold time
Setup
time
SCL
SDA
BB flag
Set time
for BB flag
8.6.7 STOP Condition Generation Method
When the ESO bit of the I2C control register (address 00F916) is “1,”
execute a write instruction to the I2C status register (address 00F816)
to set the MST bit and the TRX bit to “1” and the BB bit to “0”. A STOP
condition will then be generated. The STOP condition generation tim-
ing and the BB flag reset timing are different in the standard clock
mode and the high-speed clock mode. Refer to Figure 8.6.11 for the
STOP condition generation timing diagram, and Table 8.6.2 for the
START condition/STOP condition generation timing table.
Fig. 8.6.11 STOP Condition Generation Timing Diagram
Table 8.6.2 START Condition/STOP Condition Generation Tim-
ing Table
Item
Setup time
(START condition)
Setup time
(STOP condition)
Hold time
Set/reset time
for BB flag
Standard Clock Mode
5.0
µs (20 cycles)
4.25
µs (17 cycles)
5.0
µs (20 cycles)
3.0
µs (12 cycles)
High-speed Clock Mode
2.5
µs (10 cycles)
1.75
µs (7 cycles)
2.5
µs (10 cycles)
1.5
µs (6 cycles)
Note: Absolute time at
φ = 4 MHz. The value in parentheses denotes the
number of
φ cycles.
I2C status register
write signal
Hold time
Setup
time
SCL
SDA
BB flag
Reset time
for BB flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com