Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 14Page - Renesas Technology Corp M37151 Datasheet HTML 15Page - Renesas Technology Corp M37151 Datasheet HTML 16Page - Renesas Technology Corp M37151 Datasheet HTML 17Page - Renesas Technology Corp M37151 Datasheet HTML 18Page - Renesas Technology Corp M37151 Datasheet HTML 19Page - Renesas Technology Corp M37151 Datasheet HTML 20Page - Renesas Technology Corp M37151 Datasheet HTML 21Page - Renesas Technology Corp M37151 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
17
Rev. 1.0
Priority
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
8.3 INTERRUPTS
Interrupts can be caused by 17 different sources consisting of 4 ex-
ternal, 11 internal, 1 software, and reset. Interrupts are vectored in-
terrupts with priorities as shown in Table 8.3.1. Reset is also included
in the table because its operation is similar to an interrupt.
When an interrupt is accepted,
➀ The contents of the program counter and processor status regis-
ter are automatically stored into the stack.
➁ The interrupt disable flag I is set to “1” and the corresponding
interrupt request bit is set to “0.”
➂ The jump destination address stored in the vector address enters
the program counter.
Other interrupts are disabled when the interrupt disable flag is set to
“1.”
All interrupts except the BRK instruction interrupt have an interrupt
request bit and an interrupt enable bit. The interrupt request bits are
in interrupt request registers 1 and 2 and the interrupt enable bits are
in interrupt control registers 1 and 2. Figures 8.3.2 to 8.3.6 show the
interrupt-related registers.
Interrupts other than the BRK instruction interrupt and reset are ac-
cepted when the interrupt enable bit is “1,” interrupt request bit is “1,”
and the interrupt disable flag is “0.” The interrupt request bit can be
set to “0” by a program, but not set to “1.” The interrupt enable bit can
be set to “0” and “1” by a program.
Reset is treated as a non-maskable interrupt with the highest priority.
Figure 8.3.1 shows interrupt control.
8.3.1 Interrupt Causes
(1) VSYNC, OSD interrupts
The VSYNC interrupt is an interrupt request synchronized with
the vertical sync signal.
The OSD interrupt occurs after character block display to the
CRT is completed.
(2) INT1 to INT3 external interrupts
The INT1 to INT3 interrupts are external interrupt inputs, the sys-
tem detects that the level of a pin changes from LOW to HIGH or
from HIGH to LOW, and generates an interrupt request. The in-
put active edge can be selected by bits 3 to 5 of the interrupt
input polarity register (address 00DC16) : when this bit is “0,” a
change from LOW to HIGH is detected; when it is “1,” a change
from HIGH to LOW is detected. Note that both bits are cleared to
“0” at reset.
(3) Timers 1 to 4 interrupts
An interrupt is generated by an overflow of timers 1 to 4.
Vector Addresses
FFFF16, FFFE16
FFFD16, FFFC16
FFFB16, FFFA16
FFF916, FFF816
FFF716, FFF616
FFF516, FFF416
FFF316, FFF216
FFF116, FFF016
FFEF16, FFEE16
FFED16, FFEC16
FFEB16, FFEA16
FFE916, FFE816
FFE716, FFE616
FFE516, FFE416
FFE316, FFE216
FFDF16, FFDE16
Interrupt Source
Reset
OSD interrupt
INT1 external interrupt
Data slicer interrupt
Serial I/O interrupt
Timer 4 interrupt
f(XIN)/4096 interrupt
VSYNC interrupt
Timer 3 interrupt
Timer 2 interrupt
Timer 1 interrupt
INT3 external interrupt
INT2 external interrupt
Multi-master I2C-BUS interface interrupt
Timer 5 • 6 interrupt
BRK instruction interrupt
Remarks
Non-maskable
Active edge selectable
Active edge selectable
Active edge selectable
Source switch by software (see note)
Non-maskable
Table 8.3.1 Interrupt Vector Addresses and Priority
Note: Switching a source during a program causes an unnecessary interrupt. Therefore, set a source at initializing of program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com