Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 53Page - Renesas Technology Corp M37151 Datasheet HTML 54Page - Renesas Technology Corp M37151 Datasheet HTML 55Page - Renesas Technology Corp M37151 Datasheet HTML 56Page - Renesas Technology Corp M37151 Datasheet HTML 57Page - Renesas Technology Corp M37151 Datasheet HTML 58Page - Renesas Technology Corp M37151 Datasheet HTML 59Page - Renesas Technology Corp M37151 Datasheet HTML 60Page - Renesas Technology Corp M37151 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
56
Rev. 1.0
8.10.7 Reference Voltage Generating Circuit
and Comparator
The composite video signal clamped by the clamping circuit is input
to the reference voltage generating circuit and the comparator.
(1) Reference voltage generating circuit
This circuit generates a reference voltage (slice voltage) by us-
ing the amplitude of the clock run-in pulse in the line specified by
the data slice line specification circuit. Connect a capacitor be-
tween the VHOLD pin and the VSS pin, and make the length of
wiring as short as possible to prevent a leakage current from be-
ing generated.
(2) Comparator
The comparator compares the voltage of the composite video
signal with the voltage (reference voltage) generated in the refer-
ence voltage generating circuit, and converts the composite video
signal into a digital value.
Fig. 8.10.10 Clock Run-in Detect Register
8.10.8 Start Bit Detecting Circuit
This circuit detects a start bit at the line decided in the data slice line
specification circuit.
The detection of a start bit is as follows:.
➀ A sampling clock is generated by dividing the reference clock out-
put by the timing signal.
➁ A clock run-in pulse is detected by the sampling clock.
➂ After detection of the pulse, a start bit pattern is detected from the
comparator output.
8.10.9 Clock Run-in Determination Circuit
This circuit determinates clock run-in by counting the number of pulses
in a window of the composite video signal.
The reference clock count value in one pulse cycle is stored in bits 3
to 7 of the clock run-in detect register (address 00E416). Read out
these bits after the occurrence of a data slicer interrupt (refer to
“8.10.12 Interrupt Request Generating Circuit”).
Figure 8.10.10 shows the structure of the clock run-in detect register.
b7 b6 b5 b4 b3 b2 b1 b0
Clock run-in detect register (CRD) [Address 00E416]
R W
Clock Run-in Detect Register
0
to
2
0
R —
Test bits
3
to
7
Number of reference clocks to
be counted in one clock run-in
pulse period.
Clock run-in detection
bit(CRD3 to CRD7)
0
R —
Read-only
After reset
Functions
Nam
Be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com