Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 83Page - Renesas Technology Corp M37151 Datasheet HTML 84Page - Renesas Technology Corp M37151 Datasheet HTML 85Page - Renesas Technology Corp M37151 Datasheet HTML 86Page - Renesas Technology Corp M37151 Datasheet HTML 87Page - Renesas Technology Corp M37151 Datasheet HTML 88Page - Renesas Technology Corp M37151 Datasheet HTML 89Page - Renesas Technology Corp M37151 Datasheet HTML 90Page - Renesas Technology Corp M37151 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
86
Rev. 1.0
8.11.12 Window Function
This function sets the top and bottom boundaries for display limits
on a screen. The window function is valid only in the CC mode. The
top boundary is set by the window register 1 and bit 7 of block con-
trol register 1. The bottom boundary is set by window register 1 and
bit 7 of block control register 2. This function is turned on and off by
bit 2 of the OSD control register (refer to Figure 8.11.3).
Window registers 1 and 2 are shown in Figures 8.11.27 and 8.11.28.
Fig. 8.11.26 Example of Window Function
OSD mode
Window
FG H
I
J
CC mode
KL
M N O
CC mode
PQ R
S
T
CC mode
OSD mode
Bottom
boundary
of window
Top
boundary
of window
Screen
A BCD E
UV
W X
Y
The setting value per one step of the top and bottom window borders
can be switched to either 1TH or 2TH by setting “0” or “1” to bit 1 of
OSD control register 2 (address 02DB16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com