Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 93Page - Renesas Technology Corp M37151 Datasheet HTML 94Page - Renesas Technology Corp M37151 Datasheet HTML 95Page - Renesas Technology Corp M37151 Datasheet HTML 96Page - Renesas Technology Corp M37151 Datasheet HTML 97Page - Renesas Technology Corp M37151 Datasheet HTML 98Page - Renesas Technology Corp M37151 Datasheet HTML 99Page - Renesas Technology Corp M37151 Datasheet HTML 100Page - Renesas Technology Corp M37151 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
96
Rev. 1.0
Fig.8.14.5 State Transitions of System Clock
Reset
The example assumes that 8 MHz is being applied to the XIN pin and 32 kHz to the XCIN pin. The
φ indicates the internal clock.
WIT instruction
CM7 : Internal system clock selection bit
0 : XIN-XOUT selected (high-speed mode)
1 : XCIN-XCOUT selected (low-speed mode)
CPU mode register
(Address : 00FB16)
CM6 : Main clock (XIN–XOUT) stop bit
0 : Oscillating
1 : Stopped
8 MHz oscillating
32 kHz oscillating
φ is stopped (“H”)
Timer operating
8 MHz oscillating
32 kHz oscillating
f(
φ) = 4 MHz
8 MHz stopped
32 kHz stopped
φ is stopped (“H”)
8 MHz oscillating
32 kHz oscillating
φ is stopped (“H”)
Timer operating
(See note 3)
8 MHz oscillating
32 kHz oscillating
f(
φ) = 16kHz
8 MHz stopped
32 kHz stopped
φ is stopped (“H”)
8 MHz stopped
32 kHz stopped
φ = stopped (“H”)
8 MHz stopped
32 kHz oscillating
f(
φ) = 16 kHz
8 MHz stopped
32 kHz oscillating
φ is stopped (“H”)
Timer operating
(See note 3)
Interrupt
STP instruction
Interrupt (See note 1)
WIT instruction
Interrupt
WIT instruction
Interrupt
STP instruction
Interrupt (See note 2)
STP instruction
Interrupt (See note 2)
CM7 = 1
CM7 = 0
CM6 = 1
CM6 = 0
External INT,
timer interrupt,
or SI/O interrupt
External INT
Notes 1: When the STP state is ended, a delay of approximately 8 ms is automatically generated by timer 3 and timer 4.
2: The delay after the STP state ends is approximately 2s.
3: When the internal clock
φ divided by 8 is used as the timer count source, the frequency of the count source is 2 kHz.
The program must
allow time for 8 MHz
oscillation to stabilize
High-speed operation start
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com