Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 12Page - Renesas Technology Corp M37151 Datasheet HTML 13Page - Renesas Technology Corp M37151 Datasheet HTML 14Page - Renesas Technology Corp M37151 Datasheet HTML 15Page - Renesas Technology Corp M37151 Datasheet HTML 16Page - Renesas Technology Corp M37151 Datasheet HTML 17Page - Renesas Technology Corp M37151 Datasheet HTML 18Page - Renesas Technology Corp M37151 Datasheet HTML 19Page - Renesas Technology Corp M37151 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
15
Rev. 1.0
Fig. 8.2.4 Memory Map of Special Function Register 2 (SFR2)
sSFR2 Area (addresses 20016 to 20F16)
b7
b0 b7
b0
20016
20116
20216
20316
20416
20616
20516
20716
20816
20916
20B16
20C16
20D16
20E16
20A16
20F16
210
211
212
PWM2 register (PWM2)
PWM4 register (PWM4)
PWM0 register (PWM0)
PWM1 register (PWM1)
PWM3 register (PWM3)
Clock frequency set register (CFS)
PWM mode register 2 (PM2)
ROM correction address 1 (low-order)
ROM correction enable register (RCR)
PWM mode register 1 (PM1)
ROM correction address 2 (high-order)
ROM correction address 1 (high-order)
ROM correction address 2 (low-order)
Clock control register 2(CC2)
Clock control register 3(CC3)
: 0 immediately after reset
: Indeterminate immediately
after reset
0
1
?
<State immediately after reset>
: 1 immediately after reset
: Fix this bit to 0
(do not write 1 )
:
<Bit allocation>
Function bit
: No function bit
: Fix this bit to 1
(do not write 0 )
Name
:
1
0
Address
Register
Bit allocation
State immediately after reset
0
0
0
0016
0016
0016
0016
0016
0
0
0
0
1
1
1
0
?
?
?
?
0
?
?
0
0016
?
PM13
PM10
RC0
CC35
0016
PM23
PM20
PM24
PM21
PM22
RC1
0
1
0
0
0
1
0
0
CC37
0016
0016
0016
?
?
?
?
?
?
?
0
0
0
0
0
0
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com