Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 49Page - Renesas Technology Corp M37151 Datasheet HTML 50Page - Renesas Technology Corp M37151 Datasheet HTML 51Page - Renesas Technology Corp M37151 Datasheet HTML 52Page - Renesas Technology Corp M37151 Datasheet HTML 53Page - Renesas Technology Corp M37151 Datasheet HTML 54Page - Renesas Technology Corp M37151 Datasheet HTML 55Page - Renesas Technology Corp M37151 Datasheet HTML 56Page - Renesas Technology Corp M37151 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
52
Rev. 1.0
8.10.2 Clamping Circuit and Low-pass Filter
The clamp circuit clamps the sync chip part of the composite video
signal input from the CVIN pin. The low-pass filter attenuates the noise
of the clamped composite video signal. The CVIN pin to which com-
posite video signal is input requires an external capacitor (0.1
µF)
coupling. Pull down the CVIN pin with a resistor of hundreds of kilo-
ohms to 1 M
Ω. In addition, we recommend installing a simple low-
pass filter externally, using a resistor and a capacitor at the CVIN pin
(refer to Figure 8.10.1).
8.10.3 Sync Slice Circuit
This circuit takes out a composite sync signal from the output signal
of the low-pass filter.
8.10.4 Synchronous Signal Separation Circuit
This circuit separates a horizontal synchronous signal and a vertical
synchronous signal from the composite sync signal taken out in the
sync slice circuit.
(1) Horizontal Synchronous Signal (Hsep)
A one-shot horizontal synchronizing signal Hsep is generated at
the falling edge of the composite sync signal.
(2) Vertical Synchronous Signal (Vsep)
As a Vsep signal generating method, it is possible to select one of
the following 2 methods by using bit 4 of data slicer control regis-
ter 2 (address 00E116).
•Method 1
The LOW level width of the composite sync signal is
measured. If this width exceeds a certain time, a Vsep
signal is generated in synchronization with the rising
of the timing signal immediately after this LOW level.
•Method 2
The LOW level width of the composite sync signal is
measured. If this width exceeds a certain time, it is
detected whether a falling of the composite sync sig-
nal exits or not in the LOW level period of the timing
signal immediately after this LOW level. If a falling
exists, a Vsep signal is generated in synchronization
with the rising of the timing signal (refer to Figure
8.10.6).
Figure 8.10.6 shows a Vsep generating timing. The timing signal shown
in the figure is generated from the reference clock which the timing
generating circuit outputs.
Reading bit 5 of data slicer control register 2 permits determinating
the shape of the V-pulse portion of the composite sync signal. As
shown in Figure 8.10.7, when the A level matches the B level, this bit
is “0.” In the case of a mismatch, the bit is “1.”
Fig. 8.10.6 Vsep Generating Timing (method 2)
Composite s
Timing
signal
Vsep signal
Measure LOW period
A Vsep signal is generated at a rising of the timing signal
immediately after the LOW level width of the composite
sync signal exceeds a certain time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com